Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX8526 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PNX8526
Description  Programmable source decoder with integrated peripherals
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX8526 Datasheet(HTML) 1 Page - NXP Semiconductors

  PNX8526 Datasheet HTML 1Page - NXP Semiconductors PNX8526 Datasheet HTML 2Page - NXP Semiconductors PNX8526 Datasheet HTML 3Page - NXP Semiconductors PNX8526 Datasheet HTML 4Page - NXP Semiconductors PNX8526 Datasheet HTML 5Page - NXP Semiconductors PNX8526 Datasheet HTML 6Page - NXP Semiconductors PNX8526 Datasheet HTML 7Page - NXP Semiconductors PNX8526 Datasheet HTML 8Page - NXP Semiconductors PNX8526 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
PNX8526
Programmable source decoder with integrated peripherals
Rev. 01 – 6 October 2003
Preliminary data
1.
General description
The PNX8526 is a highly integrated media processor for use in Advanced Set Top
Boxes (ASTB) and Digital Television (DTV) systems. The PNX8526 is targeted at the
mid to high-end ASTB/DTV systems, decoding “all format” HD and SD MPEG2
source material with Standard Definition (SD), or double line-rate SD display
capabilities. Although the PNX8526 can process high level input formats, its display
capabilities are primarily targeted at NTSC, PAL and SECAM televisions. It is also
intended for lower cost DTVs, those not considered high definition. Progressive
output is also available for double line-rate television displays, or for high resolution
graphic content to be displayed on a computer monitor. The PNX8526 is designed in
a high performance 0.12-micron process.
The PNX8526 performs source decode functions, including - conditional access,
MPEG2 transport stream de-mux, MPEG2 video decode, audio decode and
processing, graphics generation, video processing, and image composition and
display. A 32-bit 200 MHz VLIW processor, referred to as the TriMedia™ 3200 CPU
core (TM32 CPU), carries out the majority of media processing operations performed
by the PNX8526. Fixed function hardware will perform some operations that are not
handled by the TM32 CPU. Additionally, the PNX8526 supports a number of
peripheral interfaces such as I2C, USB, IDE and UART. Other interfaces such as
IEEE-1284 and Ethernet may be supported via Super I/O devices that reside on a
PCI expansion bus. The expansion bus also provides for glueless interface to 8-bit
wide slave devices, such as Flash/ROM, DOCSIS modem, UARTs, etc.
An embedded MIPS processor (PR3940) running at 150 MHz is intended to run the
OS. (There is no direct support for an external processor; however, a CPU of any type
may be connected to the PNX8526 via the PCI interface.) This implies a complete
CPU subsystem consisting of the CPU itself, local memory, and an interface to PCI.
The MIPS processor is primarily responsible for control functions and
graphics-intensive operating systems, while the TM32 CPU is responsible for running
all real-time media processing functions. All resources supported within the PNX8526
are accessible by both the MIPS processor and the TM32 CPU. The software
documentation of the PNX8526 provides more details on the interaction between the
MIPS and the TM32 CPU.
The PNX8526 is intended to be used with a small companion IC, the PNX8510. This
analog companion chip provides the majority of analog video and audio support for
the output of the PNX8526. The PNX8510 companion is capable of simultaneously
driving two video channels (6 DACs) and two stereo audio channels (4 DACs).


Similar Part No. - PNX8526

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
PNX8510HW/B1 PHILIPS-PNX8510HW/B1 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
PNX8511 PHILIPS-PNX8511 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
PNX8511HW/B1 PHILIPS-PNX8511HW/B1 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
More results

Similar Description - PNX8526

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
logo
Texas Instruments
BUF01900 TI-BUF01900 Datasheet
693Kb / 25P
[Old version datasheet]   Programmable Voltage Source with Memory
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com