Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52795 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M52795
Description  AV SWITCH with I2C BUS CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52795 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52795 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52795 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M I T S U B I S H I
- 9
MITSUBISHI ICs (AV COMMON)
M52795SP/FP
AV SWITCH with I2C BUS CONTROL
PRELIMINARY
Notice. This is not a final specification.
Some parametric limits are subject to change.
AUG.'98
3
DESCRIPTION OF PIN
1
2
3
4
Lch 3 IN
5
Rch 2 IN
VCC
VIDEO 2 IN
Lch 2 IN
8
7
Rch 3 IN
Lch 4 IN
VIDEO 3 IN
6
9
VIDEO 4 IN
Rch 4 IN
10
11
SCL
12
SDA
24
Rch T IN
25
TUNER IN
26
Lch T IN
9V
3.6V
5
~9V
4.7V
VIL max.=1.5V
VIH min.=3.0V
13
DC
14
DD
27
D4
28
D5
30K
Pin No.
Name
Peripheral circuit pins
DC voltage(V)
Remarks
Clamp in
VIL max.=1.5V
VIH min.=3.0V
VOL max.=0.4V
(at Iin=3mA)
VOL max.=0.4V
(at Iin=1mA)


Similar Part No. - M52795

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52795FP RENESAS-M52795FP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results

Similar Description - M52795

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com