Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1006 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # GBJ1006
Description  10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GBJ1006 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  GBJ1006 Datasheet HTML 1Page - Chip Integration Technology Corporation GBJ1006 Datasheet HTML 2Page - Chip Integration Technology Corporation GBJ1006 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
Document ID : DS-21B22
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
GBJ10005 THRU GBJ1010
10A Miniature Glass Passivated Single-Phase Bridge Rectifiers


Similar Part No. - GBJ1006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ1006 DIODES-GBJ1006 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
GBJ1006 SAMYANG-GBJ1006 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ1006 MCC-GBJ1006 Datasheet
110Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ1006 SUNTAN-GBJ1006 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ1006 MCC-GBJ1006 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ1006

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GBU10005 CITC-GBU10005 Datasheet
91Kb / 3P
   10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
Revision: 16-Aug-13
B2M VISHAY-B2M_V01 Datasheet
89Kb / 4P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com