Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST9219 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST9219
Description  System Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST9219 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST9219 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST9219 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST9219 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST9219 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST9219 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST9219 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
System Reset PST92XX
Absolute Maximum Ratings
MITSUMI
Pin Description
Recommended Operating Conditions
Pin No.
Pin name
Functions
1
TC
TPLH control pin
2
SUB
Substrate pin*1
3
GND
GND pin
4
VOUT
Reset signal output pin
5
VCC
VCC pin/voltage detect pin
Note 1 : Connect to GND.
Item
Symbol
Ratings
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+175
°C
Supply voltage
VCC max.
-0.3~+110
V
Allowable loss
Pd
150
mW
Item
Symbol
Ratings
Unit
Operating temperature
TOPR
-20~+75
°C
Supply voltage
VCC
-0.3~+10
V
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
circuit
PST9246 4.531
4.600
4.669
PST9245 4.432
4.500
4.568
PST9244 4.334
4.400
4.466
PST9243 4.235
4.300
4.365
PST9242 4.137
4.200
4.263
PST9241 4.038
4.100
4.162
PST9240 3.940
4.000
4.060
PST9239 3.841
3.900
3.959
PST9238 3.743
3.800
3.857
PST9237 3.644
3.700
3.756
PST9236 3.546
3.600
3.654
PST9235 3.447
3.500
3.553
VCC=H
L
PST9234 3.349
3.400
3.451
Detecting voltage
VS
1RL=4.7k
PST9233 3.250
3.300
3.350
V
VOL <
= 0.4V
PST9232 3.152
3.200
3.248
PST9231 3.053
3.100
3.147
PST9230 2.955
3.000
3.045
PST9229 2.856
2.900
2.944
PST9228 2.758
2.800
2.842
PST9227 2.659
2.700
2.741
PST9226 2.561
2.600
2.639
PST9225 2.462
2.500
2.538
PST9224 2.364
2.400
2.436
PST9223 2.265
2.300
2.335
PST9222 2.167
2.200
2.233
PST9221 2.068
2.100
2.132
PST9220 1.970
2.000
2.030
PST9219 1.871
1.900
1.929


Similar Part No. - PST9219

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9219 MITSUMI-PST9219 Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
More results

Similar Description - PST9219

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com