Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30Y Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # GP30Y
Description  3A Leaded Type General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GP30Y Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  GP30Y Datasheet HTML 1Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 2Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
GP30Y
3A Leaded Type General Purpose Rectifiers
Chip Integration Technology Corporation
Document ID : DS-22G23
Revised Date : 2016/09
Revision : C1


Similar Part No. - GP30Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GP30Y GULFSEMI-GP30Y Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
More results

Similar Description - GP30Y

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GR3005 CITC-GR3005 Datasheet
89Kb / 3P
   3A Leaded Type General Purpose Rectifiers
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
GR1505 CITC-GR1505 Datasheet
145Kb / 3P
   1.5A Leaded Type General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
   2A Leaded Type General Purpose Rectifiers
SR32 CITC-SR32 Datasheet
150Kb / 3P
   3A Leaded Type Schottky Barrier Rectifiers
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D3F60 SHINDENGEN-D3F60 Datasheet
270Kb / 5P
   General Purpose Rectifiers(600V 3A)
logo
Formosa MS
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com