Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1615NAMP Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL1615NAMP
Description  WIDEBAND LOG IF STRIP AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1615NAMP Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL1615NAMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1615NAMP Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL1615
Min.
Typ.
Max.
Voltage Gain, f = 30MHz
10
14
dB
10
Ω Source, 8pF Load
Voltage Gain, f = 60MHz
10.7
13.3
dB
10
Ω Source, 8pF Load
Upper Cut-off frequency (Fig.3)
130
170
MHz
10
Ω Source, 8pF Load
Lower Cut-off frequency (Fig.3)
5
MHz
10
Ω Source, 8pF Load
Propagination Delay
2
ns
Maximum rectified Video Output
0.80
1.40
mA
f = 60MHz, 0.5V rms Input
Current (Fig.4 and 5)
Variation of Gain with Supply
0.7
db/V
Voltage
Variation of Maximum Rectified
25
%/V
Output Current with Supply
Voltage
Maximum Input Signal before
1.8
1.9
V/rms
See Note below
Overload
Noise Figure (Fig.6)
4
dB
f = 60MHz, Rs = 450
Supply Current
11.5
20
mA
Maximum RF Output Voltage
1.2
Vp-p
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following condltions (unless otherwise stated)
Temperature = +22
°C ±2°C, Supply Voltage = +6V, DC Connection between Input and Bias Pins
Characteristic
Units
Conditions
Value
Note: Overload occurs when the input signal reaches a level sufficent to forward bias the base-collector junction of TR1 on peaks
Fig.3 Voltage gain v. frequency


Similar Part No. - SL1615NAMP

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1610C GEC-SL1610C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611 GEC-SL1611 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611C GEC-SL1611C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1612 GEC-SL1612 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
More results

Similar Description - SL1615NAMP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1613 ZARLINK-SL1613 Datasheet
181Kb / 7P
   WIDEBAND LOG IF STRIP AMPLIFIER
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
   250MHz TRUE LOG IF AMPLIFIER
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
NJM2232A NJRC-NJM2232A_1 Datasheet
171Kb / 7P
   FM IF WITH LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531 ETC1-SL531 Datasheet
114Kb / 4P
   250MHz TRUE LOG IF AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com