Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALN1800T2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1800T2
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1800T2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1800T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1800T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1800T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1800T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN1800T2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-16.07
-18.20
26.35
1.65
0.687
20.04
32.33
70
4.6
-16.36
-18.22
26.43
1.67
0.674
20.45
32.86
75
4.7
-16.73
-18.18
26.50
1.72
0.677
20.89
33.19
80
4.8
-17.17
-18.19
26.56
1.69
0.679
21.24
33.77
85
4.9
-17.49
-18.10
26.61
1.68
0.678
21.47
34.02
91
5.0
-17.73
-18.20
26.65
1.67
0.670
21.80
34.25
96
5.1
-18.17
-18.15
26.69
1.78
0.684
22.02
34.42
101
5.2
-18.48
-18.12
26.72
1.78
0.682
22.18
34.60
105
5.3
-18.74
-18.06
26.74
1.68
0.675
22.38
34.64
110
5.4
-19.09
-18.05
26.76
1.68
0.674
22.60
34.78
114
5.5
-19.38
-17.99
26.79
1.70
0.680
22.67
34.86
117
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-18.55
-17.35
26.98
1.63
0.440
21.41
34.40
90
- 20
C
-18.36
-17.67
26.96
1.64
0.494
21.47
34.27
92
0
C
-17.99
-18.00
26.84
1.67
0.556
21.57
34.20
94
25
C
-17.8
-18.13
26.64
1.68
0.663
21.85
34.23
96
40
C
-17.83
-18.87
26.39
1.65
0.722
21.8
34.33
97
60
C
-17.73
-19.10
26.24
1.68
0.798
21.79
34.55
96
80
C
-17.73
-19.35
26.01
1.68
0.907
21.55
34.62
95
100
C
-17.15
-19.15
25.87
1.67
1.011
21.32
34.26
93
RF Performance with Voltage Change
RF Performance with Operating Temperature


Similar Part No. - ALN1800T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1800T2 ASB-ALN1800T2 Datasheet
599Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1800T2 ASB-ALN1800T2_13 Datasheet
734Kb / 4P
   Internally Matched LNA Module
November 2008
More results

Similar Description - ALN1800T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com