Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM1676DGGRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM1676DGGRG4
Description  HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM1676DGGRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDM1676DGGRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 12Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 13Page - Texas Instruments SN65LVDM1676DGGRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN65LVDM1676, SN65LVDM1677
HIGHSPEED DIFFERENTIAL LINE TRANSCEIVERS
SLLS430B − NOVEMBER 2000 − REVISED OCTOBER 2004
10
WWW.TI.COM
PARAMETER MEASUREMENT INFORMATION
VID
Y
Z
Y
VO
VIZ
VIY
VIC
(VIY + VIZ)/2
Figure 6. Voltage Definitions
Table 1. Receiver Minimum and Maximum Input Threshold Test Voltages
APPLIED VOLTAGES
RESULTING DIFFERENTIAL
INPUT VOLTAGE
RESULTING COMMON-
MODE INPUT VOLTAGE
VIY
VIZ
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
1.15 V
1.25 V
−100 mV
1.2 V
2.4 V
2.3 V
100 mV
2.35 V
2.3 V
2.4 V
−100 mV
2.35 V
0.1 V
0 V
100 mV
0.05 V
0 V
0.1 V
−100 mV
0.05 V
1.5 V
0.9 V
600 mV
1.2 V
0.9 V
1.5 V
−600 mV
1.2 V
2.4 V
1.8 V
600 mV
2.1 V
1.8 V
2.4 V
−600 mV
2.1 V
0.6 V
0 V
600 mV
0.3 V
0 V
0.6 V
−600 mV
0.3 V
VID
VO
VIZ
VIY
CL = 10 pF
tpHL
tpLH
tf
tr
80%
20%
VIY
VIZ
VID
VO
1.4 V
1 V
0.4 V
0 V
−0.4 V
~VCC
VCC/2
~ 0 V
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 0.5 Mpps, pulse
width = 10
± 0.2 ns. CL includes instrumentation and fixture capacitance within 0,06 m of the D.U.T.
Figure 7. Timing Test Circuit and Waveforms


Similar Part No. - SN65LVDM1676DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1676DGGRG4 TI-SN65LVDM1676DGGRG4 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676DGGRG4 TI-SN65LVDM1676DGGRG4 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN65LVDM1676DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com