Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3253 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3253
Description  DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3253 Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q3253 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74CB3Q3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS145A – OCTOBER 2003 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V,
II = –18 mA
–1.8
V
IIN
Control inputs
VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
VO = 0 to 5.5 V,
Switch OFF,
IOZ(3)
VCC = 3.6 V,
±1
µA
VI = 0,
VIN = VCC or GND
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
II/O = 0,
ICC
VCC = 3.6 V,
VIN = VCC or GND
0.6
2
mA
Switch ON or OFF,
∆I
CC
(4)
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
VCC = 3.6 V,
A and B ports open,
OE input
0.15
0.16
mA/
ICCD(5)
Per control input
MHz
Control input switching at 50% duty cycle
S input
0.04
0.05
Cin
Control inputs
VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
2.5
3.5
pF
Switch OFF,
A port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
8
11
pF
VIN = VCC or GND,
Cio(OFF)
Switch OFF,
B port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
3.5
4.5
pF
VIN = VCC or GND,
Switch ON,
Cio(ON)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
13
17
pF
VIN = VCC or GND,
VI = 0,
IO = 30 mA
4
10
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 1.7 V,
IO = –15 mA
4.5
11
ron(6)
VI = 0,
IO = 30 mA
3.5
8
VCC = 3 V
VI = 2.4 V,
IO = –15 mA
4
10
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see
Figure 2).
(6)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fOE or fS(1)
OE or S
A or B
10
20
MHz
tpd(2)
A or B
B or A
0.12
0.18
ns
tpd(s)
S
A
1.5
6.7
1.5
5.9
ns
S
B
1.5
6.7
1.5
5.9
ten
ns
OE
A or B
1.5
6.7
1.5
5.9
S
B
1
6.1
1
6.1
tdis
ns
OE
A or B
1
6.1
1
6.1
(1)
Maximum switching frequency for control input (VO > VCC, VI = 5 V, RL≥ 1 MΩ, CL = 0).
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
5


Similar Part No. - SN74CB3Q3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI1-SN74CB3Q3253DBQR Datasheet
1Mb / 25P
[Old version datasheet]   Dual 1-of-4 FET Multiplexer ??Demultiplexer
More results

Similar Description - SN74CB3Q3253

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com