Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH32237 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVTH32237
Description  3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH32237 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVTH32237 Datasheet HTML 1Page - Texas Instruments SN74LVTH32237 Datasheet HTML 2Page - Texas Instruments SN74LVTH32237 Datasheet HTML 3Page - Texas Instruments SN74LVTH32237 Datasheet HTML 4Page - Texas Instruments SN74LVTH32237 Datasheet HTML 5Page - Texas Instruments SN74LVTH32237 Datasheet HTML 6Page - Texas Instruments SN74LVTH32237 Datasheet HTML 7Page - Texas Instruments SN74LVTH32237 Datasheet HTML 8Page - Texas Instruments SN74LVTH32237 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74LVTH322374
3.3V ABT 32BIT EDGETRIGGERED DTYPE FLIPFLOP
WITH 3STATE OUTPUTS
SCBS754B − MARCH 2002 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus+
 Family
D Output Ports Have Equivalent 22-Ω Series
Resistors, So No External Resistors Are
Required
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Supports Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
terminal assignments
123456
A
1Q2
1Q1
1OE
1CLK
1D1
1D2
B
1Q4
1Q3
GND
GND
1D3
1D4
C
1Q6
1Q5
VCC
VCC
1D5
1D6
D
1Q8
1Q7
GND
GND
1D7
1D8
E
2Q2
2Q1
GND
GND
2D1
2D2
F
2Q4
2Q3
VCC
VCC
2D3
2D4
G
2Q6
2Q5
GND
GND
2D5
2D6
H
2Q7
2Q8
2OE
2CLK
2D8
2D7
J
3Q2
3Q1
3OE
3CLK
3D1
3D2
K
3Q4
3Q3
GND
GND
3D3
3D4
L
3Q6
3Q5
VCC
VCC
3D5
3D6
M
3Q8
3Q7
GND
GND
3D7
3D8
N
4Q2
4Q1
GND
GND
4D1
4D2
P
4Q4
4Q3
VCC
VCC
4D3
4D4
R
4Q6
4Q5
GND
GND
4D5
4D6
T
4Q7
4Q8
4OE
4CLK
4D8
4D7
NC − No internal connection
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
LFBGA − GKE
Tape and reel
SN74LVTH322374KR
HW374
−40
°C to 85°C
LFBGA − ZKE (Pb-free)
Tape and reel
74LVTH322374ZKER
HW374
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus+ is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
GKE OR ZKE PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
13
4
6
5
P
N
M
L
K
T
R


Similar Part No. - SN74LVTH32237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH322374 TI1-SN74LVTH322374 Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH322374KR TI1-SN74LVTH322374KR Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH32237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH32374 TI-SN74LVTH32374 Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH322374 TI1-SN74LVTH322374 Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32374-EP TI1-SN74LVTH32374-EP Datasheet
387Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUCH32374 TI-SN74AUCH32374 Datasheet
285Kb / 11P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN54LVTH16374 TI-SN54LVTH16374 Datasheet
467Kb / 18P
[Old version datasheet]   3.3V ABT 16 BIT EDGE - TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com