Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEPT4400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TEPT4400
Description  Ambient Light Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEPT4400 Datasheet(HTML) 1 Page - Vishay Siliconix

  TEPT4400 Datasheet HTML 1Page - Vishay Siliconix TEPT4400 Datasheet HTML 2Page - Vishay Siliconix TEPT4400 Datasheet HTML 3Page - Vishay Siliconix TEPT4400 Datasheet HTML 4Page - Vishay Siliconix TEPT4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TEPT4400
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 30-Jun-16
1
Document Number: 81341
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ambient Light Sensor
DESCRIPTION
TEPT4400 ambient light sensor is a silicon NPN epitaxial
planar phototransistor in a T-1 package. It is sensitive to
visible light much like the human eye and has peak
sensitivity at 570 nm.
FEATURES
• Package type: leaded
• Package form: T-1
• Dimensions (in mm): Ø 3
• High photo sensitivity
• Adapted to human eye responsivity
• Angle of half sensitivity:
ϕ = ± 30°
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Ambient light sensor for control of display backlight
dimming in LCD displays and keypad backlighting of
mobile devices and in industrial on / off-lighting operation
• Replacement of CdS photoresistors
Note
• Test condition see table “Basic Characteristics“
Note
• MOQ: minimum order quantity
20815
PRODUCT SUMMARY
COMPONENT
IPCE (μA)
ϕ (deg)
λ0.5 (nm)
TEPT4400
200
± 30
440 to 800
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TEPT4400
Bulk
MOQ: 5000 pcs, 1000 pcs/bulk. Label with IPCE
group on each bulk. Specifications of group A / B / C
see table “Type Dedicated Characteristics” on page 2
T-1
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Collector emitter voltage
VCEO
6V
Emitter collector voltage
VECO
1.5
V
Collector current
IC
20
mA
Power dissipation
Tamb
≤ 55 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 3 s
Tsd
260
°C
Thermal resistance junction / ambient
JESTD 51
RthJA
300
K/W


Similar Part No. - TEPT4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEPT4400 VISHAY-TEPT4400 Datasheet
121Kb / 6P
   Ambient Light Sensor
Rev. 1.1, 03-Jul-06
TEPT4400 VISHAY-TEPT4400 Datasheet
113Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.2, 08-Sep-08
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.4, 18-Jun-10
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor
01-Jan-2021
TEPT4400 VISHAY-TEPT4400 Datasheet
106Kb / 5P
   Ambient Light Sensor
01-Jan-2023
More results

Similar Description - TEPT4400

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com