Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMD2020X01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VEMD2020X01
Description  Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMD2020X01 Datasheet(HTML) 1 Page - Vishay Siliconix

  VEMD2020X01 Datasheet HTML 1Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 2Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 3Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 4Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 5Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 6Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 7Page - Vishay Siliconix VEMD2020X01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VEMD2000X01, VEMD2020X01
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 23-Aug-11
1
Document Number: 81962
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
VEMD2000X01 and VEMD2020X01 are high speed and high
sensitive PIN photodiodes in a miniature surface mount
package (SMD) with dome lens and daylight blocking filter.
Filter is matched with IR emitters operating at wavelength of
830 nm to 950 nm. The photo sensitive area of the chip is
0.23 mm2.
FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• AEC-Q101 qualified
• High radiant sensitivity
• Daylight blocking filter matched with 830 nm
to 950 nm IR emitters
• Fast response times
• Angle of half sensitivity:
ϕ = ± 15°
• Package matched with IR emitter series
VSMB2000X01
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
APPLICATIONS
• High speed photo detector
• Infrared remote control
• Infrared data transmission
• Photo interrupters
• Shaft encoders
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
21568-1
VEMD2020X01
VEMD2000X01
PRODUCT SUMMARY
COMPONENT
Ira (μA)
ϕ (deg)
λ0.5 (nm)
VEMD2000X01
12
± 15
750 to 1050
VEMD2020X01
12
± 15
750 to 1050
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VEMD2000X01
Tape and reel
MOQ: 6000 pcs, 6000 pcs/reel
Reverse gullwing
VEMD2020X01
Tape and reel
MOQ: 6000 pcs, 6000 pcs/reel
Gullwing
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Power dissipation
Tamb
≤ 25 °C
PV
215
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Acc. reflow solder profile fig. 7
Tsd
260
°C
Thermal resistance junction/ambient
Acc. J-STD-051
RthJA
250
K/W


Similar Part No. - VEMD2020X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMD2020X01 VISHAY-VEMD2020X01 Datasheet
130Kb / 8P
   Silicon PIN Photodiode
Rev. 1.1, 23-Jul-09
VEMD2020X01 VISHAY-VEMD2020X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VEMD2020X01 VISHAY-VEMD2020X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VEMD2020X01 VISHAY-VEMD2020X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2023
VEMD2020X01 VISHAY-VEMD2020X01_V01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
More results

Similar Description - VEMD2020X01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com