Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ43A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMBJ43A
Description  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ43A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMBJ43A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ43A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ43A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ43A Datasheet HTML 4Page - Fairchild Semiconductor SMBJ43A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A-SMBJ170(C)A, Rev. c
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Part
Marking
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT(mA)
Max Clamping
Voltage @IPPM
VC(V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR(uA)*
SMBJ5.0(C)A
KE(AE)
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6.0(C)A
KG(AG)
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5(C)A
KK(AK)
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0(C)A
KM(AM)
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5(C)A
KP(AP)
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8.0(C)A
KR(AR)
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8.5(C)A
KT(AT)
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9.0(C)A
KV(AV)
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX(AX)
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ(AZ)
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE(BE)
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG(BG)
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK(BK)
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM(BM)
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP(LM)
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR(BR)
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT(BT)
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV(BV)
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX(BX)
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ(BZ)
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME(CE)
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG(CG)
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK(CK)
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM(CM)
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP(CP)
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR(CR)
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT(CT)
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV(CV)
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX(CX)
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ(CZ)
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE(DE)
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG(DG)
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK(DK)
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM(DM)
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP(DP)
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR(DR)
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT(DT)
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV(DV)
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX(DX)
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ(DZ)
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE(EE)
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG(EG)
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK(EK)
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM(EM)
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP(EP)
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR(ER)
170
189.0
209.0
1
275.0
2.2
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Similar Part No. - SMBJ43A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ43A JGD-SMBJ43A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ43A SOCAY-SMBJ43A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ43A MCC-SMBJ43A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Guangdong Juxing Electr...
SMBJ43A JUXING-SMBJ43A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
SMBJ43A JUXING-SMBJ43A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
More results

Similar Description - SMBJ43A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com