Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1030CT Datasheet(PDF) 5 Page - Dongguan City Niuhang Electronics Co.LTD

Part # MBR1030CT
Description  SCHOTTKY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MBR1030CT Datasheet(HTML) 5 Page - Dongguan City Niuhang Electronics Co.LTD

  MBR1030CT Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MBR1030CT Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MBR1030CT Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD MBR1030CT Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD MBR1030CT Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 5 of 5
Date:2014/10/20
Rev.:AA
Disclaimer
Reproducing and modifying informatiom of the document is prohibited without permission
from niuhang Electronics co., LTD
Niuhang Electronics co., LTD. reserves the rights to make changes of the content herein
the document anytime without notification.
use of any product including damages incidentally and consequentially occurred.
Niuhang Electronics co., LTD. disclaims any and all liability arising out of the application or
Niuhang Electronics co., LTD. does not assume any and all implied warranties,
including warranties of fitness for particular purpose,non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and operation.
Customers are responsible in comprehending the suitable use in particular applications.
Niuhang Electronics co., LTD.makes no representation or warranty that such applications will
be suitable for the specified use without further testing or modification.
The products shown herein are not designed and authorized for equipments requiring high
level of reliability or relating to human life and for any applications concerning life-saving or
life-sustaining,such as medical instruments.transportation equipment,aerospae machinery
et cetera.Customers usin or selling these products for use in such applications do so at their
own rish and agree to fully indemnify Niuhang Electronics co., LTD.for any damages resulting
resulting from such improper use or sale.
When the appearance of the product and chip size does not change, in order to product
the customer.
quality, change the internal structure and the production process Niuhang can not notify
SCHOTTKY RECTIFIERS
MBR1020CT/FCT/CD THRU MBR10200CT/FCT/CD


Similar Part No. - MBR1030CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1030CT DIODES-MBR1030CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Kersemi Electronic Co.,...
MBR1030CT KERSEMI-MBR1030CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Sirectifier Semiconduct...
MBR1030CT SIRECTIFIER-MBR1030CT Datasheet
94Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
Micro Commercial Compon...
MBR1030CT MCC-MBR1030CT Datasheet
647Kb / 2P
   10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Kersemi Electronic Co.,...
MBR1030CT KERSEMI-MBR1030CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1030CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com