Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1080CT Datasheet(PDF) 4 Page - Dongguan City Niuhang Electronics Co.LTD

Part # MBR1080CT
Description  SCHOTTKY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MBR1080CT Datasheet(HTML) 4 Page - Dongguan City Niuhang Electronics Co.LTD

  MBR1080CT Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MBR1080CT Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MBR1080CT Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD MBR1080CT Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD MBR1080CT Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 4 of 5
Date:2014/10/20
Rev.:AA
SCHOTTKY RECTIFIERS
MBR1020CT/FCT/CD THRU MBR10200CT/FCT/CD


Similar Part No. - MBR1080CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1080CT DIODES-MBR1080CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Formosa MS
MBR1080CT FORMOSA-MBR1080CT Datasheet
273Kb / 2P
   REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
logo
Microdiode Electronics ...
MBR1080CT CHENDA-MBR1080CT Datasheet
573Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR1080CT MCC-MBR1080CT Datasheet
881Kb / 2P
   10 Am p Schott ky Barrier Rectifier 80-100 Volts
logo
Sangdest Microelectroni...
MBR1080CT SMC-MBR1080CT Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBR1080CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com