Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUP90P06-09L-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUP90P06-09L-E3
Description  P-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP90P06-09L-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUP90P06-09L-E3 Datasheet HTML 1Page - Vishay Siliconix SUP90P06-09L-E3 Datasheet HTML 2Page - Vishay Siliconix SUP90P06-09L-E3 Datasheet HTML 3Page - Vishay Siliconix SUP90P06-09L-E3 Datasheet HTML 4Page - Vishay Siliconix SUP90P06-09L-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUP90P06-09L
Vishay Siliconix
New Product
Document Number: 73010
S-41203—Rev. A, 21-Jun-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
40
80
120
160
200
0
1020
3040
5060
7080
0
4
8
12
16
20
0
40
80
120
160
200
240
280
320
0.000
0.004
0.008
0.012
0.016
0.020
0
20
40
60
80
100
120
0
3000
6000
9000
12000
15000
0
102030
405060
0
40
80
120
160
200
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
0
40
80
120
160
200
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
25_C
−55_C
TC = 125_C
VDS = 30 V
ID = 90 A
VGS = 10 thru 6 V
VGS = 10 V
VGS = 4.5 V
Ciss
Coss
Crss
125_C
3 V
4 V
TC = −55_C
25_C
5 V
2 V


Similar Part No. - SUP90P06-09L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
107Kb / 7P
   P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUP90P06-09L VISHAY-SUP90P06-09L_15 Datasheet
100Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 08-Nov-10
SUP90P06-09L VISHAY-SUP90P06-09L_V01 Datasheet
107Kb / 7P
   P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SUP90P06-09L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9407AEY VISHAY-SI9407AEY Datasheet
56Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 29-Nov-99
SUP65P06-20 VISHAY-SUP65P06-20 Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
SUB65P06-20 VISHAY-SUB65P06-20 Datasheet
55Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
logo
Vaishali Semiconductor
SUD19P06-60L VAISH-SUD19P06-60L Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) 175C MOSFET
logo
Vishay Siliconix
SI9948AEY VISHAY-SI9948AEY Datasheet
59Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. B, 24-Feb-98
SUD10P06-280L VISHAY-SUD10P06-280L Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. F, 18-Apr-02
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com