Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC8806VVB2R Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC8806VVB2R
Description  Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8806VVB2R Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC8806VVB2R Datasheet HTML 5Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 6Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 7Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 8Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 9Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 10Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 11Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 12Page - E-CMOS Corporation EC8806VVB2R Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 13
4L03N-Rev.F001
EC8806
Ultra-Low Noise Ultra-Fast 300mA LDO
Regulator
Where:
VREF= 1.2V TYP. (the internal reference voltage)
To enable default output voltage (pre-set), connect ADJ pin to ground. There is no external component needed to
decide voltage.
Operating Region and Power Dissipation
Since the EC8806 is a linear regulator, its power dissipation is always given by P = IOUT (VIN – VOUT). The maximum
power dissipation is given by: PD(MAX) = (TJ–TA) /θJA =(125°C -25°C)/250°C /W = 500mW Where (TJ–TA) is the
temperature difference the EC8806 die and the ambient air,
θ
JA is the thermal resistance of the chosen package to
the ambient air. For surface mount device, heat sinking is accomplished by using the heat spreading capabilities of
the PC board and its copper traces. In the case of a SOT23-5 package, the thermal resistance is typically 240°C
/Watt. Refer to Figure 6 & 7 for the EC8806 valid operating region (Safe Operating Area) and refer to Figure 8 for
maximum power dissipation information of SOT23-5.
The die attachment area of the EC8806 lead frame is connected to pin 2, which is the GND pin. Therefore, the
GND pin of EC8806 can dissipate the heat from the die very effectively. To improve the maximum power providing
capability, connect the GND pin to ground using a large ground plane near the GND pin.


Similar Part No. - EC8806VVB2R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG1 E-CMOS-EC8803XXA6NG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG2 E-CMOS-EC8803XXA6NG2 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXB1CG1 E-CMOS-EC8803XXB1CG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXB1CG2 E-CMOS-EC8803XXB1CG2 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
More results

Similar Description - EC8806VVB2R

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com