Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC8806VVC5R Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC8806VVC5R
Description  Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8806VVC5R Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC8806VVC5R Datasheet HTML 4Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 5Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 6Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 7Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 8Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 9Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 10Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 11Page - E-CMOS Corporation EC8806VVC5R Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 13
4L03N-Rev.F001
EC8806
Ultra-Low Noise Ultra-Fast 300mA LDO
Regulator
VIN = EN = 3.8V
ILOAD = 1mA to 150mA
Time (200μs/Div)
VOUT -AC
(20mV/Div)
ILOAD -DC
(100mA/Div)
Load Transient Response
9mV
VIN = EN = 3.8V
ILOAD =1mA to 300mA
Time (200μs/Div)
VOUT -AC
(20mV/Div)
ILOAD -DC
(200mA/Div)
Load Transient Response
12.2mV
Time (1ms/Div)
Line Transient Response
VIN
(1V/Div)
VOUT
(20mV/Div)
7.8 mV
VIN = 4.0V to 5.0V, ILOAD = 1mA
Time (1ms/Div)
Line Transient Response
VIN
(1V/Div)
VOUT
(20mV/Div)
VIN = 4.0V to 5.0V, ILOAD = 300mA
7.6 mV


Similar Part No. - EC8806VVC5R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG1 E-CMOS-EC8803XXA6NG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXA6NG2 E-CMOS-EC8803XXA6NG2 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXB1CG1 E-CMOS-EC8803XXB1CG1 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
EC8803XXB1CG2 E-CMOS-EC8803XXB1CG2 Datasheet
1Mb / 16P
   4- Low 300mA Linear Regulator
More results

Similar Description - EC8806VVC5R

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com