Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC8803XXB1GG2 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC8803XXB1GG2
Description  4- Low 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8803XXB1GG2 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC8803XXB1GG2 Datasheet HTML 1Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 2Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 3Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 4Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 5Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 6Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 7Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 8Page - E-CMOS Corporation EC8803XXB1GG2 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EC8803
4- Low 300mA Linear Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 16
5F15N Rev. F001
Description
The EC8803 is a 4-Low (Low-dropout, Low-noise,
Low-quiescent current, Low-cost) linear regulator
that operations in the input voltage range from
+2.2V to +7.0V and delivers 300mA output current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 2.5V or 3.3V. Other output
voltages can be mask-optioned from 1.2V to 5.0V
with 100mV increment, except EC8803 which
has 2.85V output voltage.
The EC8803 consists of a 1.25V band-gap
reference, an error amplifier, and a P-channel pass
transistor. Other features include short-circuit
protection and thermal shutdown protection. The
EC8803 devices are available in SOT-23,
TSOT-23, SOT-89 and TO-92 packages.
Features
 Operating Voltages Range:+2.2V to +7.0V
 Output Voltages Range:+1.2V to +5.0V with 100mV
Increment
 Maximum Output Current:300 mA
 Low Dropout: 125mV @ 100mA (VOUT≧2.0 V)
 ±2% Output Voltage Accuracy (special ±1% highly
accurate)
 Output Current Limit Protection (500mA)
 Short Circuit Protection (150mA)
 Thermal Overload Shutdown Protection
 Low ESR Capacitor Compatible
 SOT-23, TSOT-23, SOT-89, TO-92 Packages
 RoHS Compliant and 100% Lead (Pb)-Free and Green
(Halogen Free with Commercial Standard)
Applications
 Battery powered equipments
 Palmtops
 Reference voltage sources
 Portable Cameras and video recorders
 Post Regulator for switching power


Similar Part No. - EC8803XXB1GG2

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8806 E-CMOS-EC8806 Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVB2R E-CMOS-EC8806VVB2R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
EC8806VVC5R E-CMOS-EC8806VVC5R Datasheet
691Kb / 13P
   Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
More results

Similar Description - EC8803XXB1GG2

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com