Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC8812NNBB7R Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC8812NNBB7R
Description  1.5A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8812NNBB7R Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC8812NNBB7R Datasheet HTML 2Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 3Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 4Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 5Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 6Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 7Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 8Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 9Page - E-CMOS Corporation EC8812NNBB7R Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EC8812
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 10
5J19N-Rev.F002
1.5A Low Dropout Linear Regulator
Electrical Characteristics
VIN = 5V; CIN = 10μF; COUT = 10μF; IOUT = 10mA; TJ = 25°C; unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage Accuracy
Vout=1.2V
Vout=1.5V
Vout=1.8V
Vout=2.5V
Vout=3.3V
1.176
1.47
1.764
2.45
3.234
1.2
1.5
1.8
2.5
3.3
1.224
1.53
1.836
2.55
3.366
V
ΔV
OUT/VOUT
Line Regulation
VIN = (VOUT + 0.7)V to 5.5V
--
0.1
--
%/V
ΔV
OUT/VOUT
Load Regulation
(5)
VIN = (VOUT + 0.7)V
IOUT = 10mA to 1500mA
--
2
--
%
ΔV
OUT/ΔT
Output Voltage
Temperature Coefficient
Note 4
--
0.1
--
mV/°C
VIN – VOUT
Dropout Voltage
(6)
IOUT = 150mA
--
40
--
mV
IOUT = 500mA
--
150
--
mV
IOUT = 1000mA
--
300
--
mV
TPROTECTION
Thermal Protection
Thermal Protection Temperature
--
150
--
°C
Protection Hysterisys
--
30
--
°C
IQ
Quiescent Current
IOUT = 0mA
--
150
--
μA
ILIMIT
Current Limit
--
2.5
--
A
Ishort
Short Circuit Current
Vin=Vout+1V; Vout< 0.4V
--
0.55
--
A
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX)
= (TJ(MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown. See “Thermal Consideration” section
for details
Note 4: Output voltage temperature coefficient is the worst case voltage change divided by the total
temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing.
Parts
are tested for load regulation in the load range from 0.1mA to 1200mA.
Changes in output voltage
due to heating effects are covered by the thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below its nominal value measured at 1V differential.


Similar Part No. - EC8812NNBB7R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
More results

Similar Description - EC8812NNBB7R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com