Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC113-2C Datasheet(PDF) 1 Page - Picker Components

Part # SC113-2C
Description  8 Pin Midget Socket for Din Rail or Panel Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC113-2C Datasheet(HTML) 1 Page - Picker Components

  SC113-2C_17 Datasheet HTML 1Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8 Pin Midget Socket for Din Rail or Panel Mount
SC113-2C
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
SC113-2C Rev A 12-11-06
3.15
(80.0)
1.10
(28.0)
1.10
(28.0)
1
2
3
4
5
6
7
8
Terminal Layout
Top View
Mounting Dimensions
Top View
2.68
(68.1)
.750
(19.1)
(4.5)
.180
(4.5)
.180
(36.5)
1.43
(5.08)
.200
Ordering Information
SC113-2C-F1; Socket with open terminals
SC113-2C-F2; Socket with finger safe terminals
Socket
Dimensions in inches (MM)
Hold Down Clip
Two hold down clips included with each socket
All Picker Components sockets have pressure clamp screws
Fits standard 35 mm Din Rail
Notes
Tolerances + .010 unless otherwise noted
For Use With The PC113 Relay


Similar Part No. - SC113-2C_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC113-2C-PCB PICKER-SC113-2C-PCB Datasheet
91Kb / 1P
   8 Pin Midget Socket for PCB Mounting
More results

Similar Description - SC113-2C_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC113-2C PICKER-SC113-2C Datasheet
104Kb / 1P
   8 Pin Midget Socket for Din Rail or Panel Mount
SK4104L PICKER-SK4104L Datasheet
66Kb / 1P
   8 Pin Midget Socket for Din Rail or Panel Mount
SK4104Z-F PICKER-SK4104Z-F Datasheet
66Kb / 1P
   8 Pin Miniature Socket for Din Rail or Panel Mount
SK4104 PICKER-SK4104 Datasheet
66Kb / 1P
   14 Pin Miniature Socket for Din Rail or Panel Mount
SC118-4C PICKER-SC118-4C Datasheet
94Kb / 1P
   14 Pin Miniature Socket for Din Rail or Panel Mount
SC113-2C-PCB PICKER-SC113-2C-PCB Datasheet
91Kb / 1P
   8 Pin Midget Socket for PCB Mounting
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
SELEC Controls Pvt. Ltd
55XU SELEC-55XU Datasheet
90Kb / 2P
   8-Pin Socket / Panel Mount Timer
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
   panel, plate or DIN rail mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com