Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8939TH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8939TH Datasheet HTML 1Page - NXP Semiconductors TDA8939TH Datasheet HTML 2Page - NXP Semiconductors TDA8939TH Datasheet HTML 3Page - NXP Semiconductors TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
5 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
8.
Functional description
8.1 General
The TDA8939 class-D power comparator is designed for use in fully digital open-loop
class-D audio applications. Excellent timing accuracy with respect to delay times and rise
and fall times is achieved and one of the most important sources of distortion in a full
digital open-loop audio amplifier is eliminated; the zero dead time switching concept is
included. The TDA8939 contains two independent class-D output stages with high power
D-MOS switches, drivers, timing and control logic. For protection a temperature sensor, a
maximum current detection and overvoltage detection circuit are integrated. An internal
protection latch keeps the power comparator in shut-down mode after a fault condition has
been detected. External reset of the latch is required via the enable input.
8.2 Protections
Overtemperature, overcurrent and overvoltage sensors are included in the TDA8939
power comparator. In the event that the maximum temperature, maximum current or
maximum supply voltage is exceeded the diagnostic output is activated (open-drain output
pulled-down via external pull-up resistor).
The diagnostic output pin is activated (active LOW) in case of:
1. Overtemperature (OTP): the junction temperature (Tj) exceeds a threshold level.
2. Overcurrent (OCP): the output current exceeds the maximum output current threshold
level (e.g. when the loudspeaker terminals are short-circuited it will be detected by the
current protection).
3. Overvoltage (OVP): the supply voltage applied to the power comparator exceeds the
maximum supply voltage threshold level.
The TDA8939 is self-protecting. If a fault condition (OTP, OCP or OVP) is detected it will
pull-down the diagnostic output (pin 7), while at the same time shutting down the power
stage. In case of a fault condition in one of the half-bridges or output channel the other
half-bridge and output channel will also shut down. All protections trigger a latch which
ensures that the power stage remains deactivated until the latch is reset again.
The latch is reset by switching the enable voltage of the power stage to LOW level. Both
set (S) and reset (R) inputs of the protection latch trigger on a negative falling slope.
STAB1
19
decoupling internal stabilizer for logic supply channel 1
VSSP1
20
negative power supply voltage for channel 1
OUT1
21
PWM output channel 1
BOOT1
22
bootstrap capacitor 1
VDDP1
23
positive power supply voltage for channel 1
VSSD
24
negative digital supply voltage
SUB
-
heat spreader of package; internally connected to VSSD
Table 3:
Pin description …continued
Symbol
Pin
Description


Similar Part No. - TDA8939TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8931T PHILIPS-TDA8931T Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8939TH

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
logo
STMicroelectronics
STGIPS40W60L1 STMICROELECTRONICS-STGIPS40W60L1 Datasheet
612Kb / 21P
   Dead time and interlocking function
August 2012 Rev 3
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
   7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
Cirrus Logic
CS4461 CIRRUS-CS4461 Datasheet
254Kb / 11P
   Multi-Bit A/D for Class-D Real-Time PSR Feedback
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com