Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8939 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8939
Description  Zero dead time Class-D 7.5 A power comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8939 Datasheet HTML 4Page - NXP Semiconductors TDA8939 Datasheet HTML 5Page - NXP Semiconductors TDA8939 Datasheet HTML 6Page - NXP Semiconductors TDA8939 Datasheet HTML 7Page - NXP Semiconductors TDA8939 Datasheet HTML 8Page - NXP Semiconductors TDA8939 Datasheet HTML 9Page - NXP Semiconductors TDA8939 Datasheet HTML 10Page - NXP Semiconductors TDA8939 Datasheet HTML 11Page - NXP Semiconductors TDA8939 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
8 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
9.
Limiting values
10. Thermal characteristics
Fig 4.
Mode selection timing diagram.
001aaa062
standby
start-up sequence
switch-off sequence
status
POWERUP
ENABLE
reset
operating
reset
standby
Table 8:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Vp
supply voltage
-
60
V
IORM
repetitive peak current on
output pins
-
7.5
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
-
150
°C
Table 9:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
1.3
K/W


Similar Part No. - TDA8939

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8931T PHILIPS-TDA8931T Datasheet
165Kb / 31P
   Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8939

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
logo
STMicroelectronics
STGIPS40W60L1 STMICROELECTRONICS-STGIPS40W60L1 Datasheet
612Kb / 21P
   Dead time and interlocking function
August 2012 Rev 3
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
   7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
Cirrus Logic
CS4461 CIRRUS-CS4461 Datasheet
254Kb / 11P
   Multi-Bit A/D for Class-D Real-Time PSR Feedback
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com