Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1265-1.8VOA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1265-1.8VOA
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-1.8VOA Datasheet(HTML) 3 Page - Microchip Technology

  TC1265-1.8VOA Datasheet HTML 1Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 2Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 3Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 4Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 5Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 6Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 7Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 8Page - Microchip Technology TC1265-1.8VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2004 Microchip Technology Inc.
DS21376C-page 3
TC1265
SHDN Input
SHDN Input High Threshold
VIH
45
——
%VIN
SHDN Input Low Threshold
VIL
——
15
%VIN
ERROR Output (SOIC Only)
Minimum Operating Voltage
VMIN
1.0
V
Output Logic Low Voltage
VOL
——
400
mV
1 mA Flows to ERROR
ERROR Threshold Voltage
VTH
0.95 x VR
—V
ERROR Positive Hysteresis
VHYS
—50
mV
Note 8
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.5V, (Note 1), IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1: VR is the regulator output voltage setting.
2: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX.
3:
4: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects
are covered by the thermal regulation specification.
5: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value
measured at a 1.5V differential.
6: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temper-
ature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipa-
tion causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details.
8: Hysteresis voltage is referenced to VR.
TCV
OUT
V
OUTMAX
V
OUTMIN
() 10
6
V
OUT
T
×
-------------------------------------------------------------------------
=
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.5V, IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
(Note 1)
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-DDPAK
θ
JA
—57
°C/W
Thermal Resistance, 5L-TO-220
θ
JA
—71
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
163
°C/W
Note
1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+125°C).


Similar Part No. - TC1265-1.8VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265-1.8VOA MICROCHIP-TC1265-1.8VOA Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265-1.8VOATR MICROCHIP-TC1265-1.8VOATR Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
More results

Similar Description - TC1265-1.8VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com