Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP0115ASAKG03 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0115ASAKG03
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0115ASAKG03 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0115ASAKG03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ASAKG03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series KP
Miniature Audio/Video 4-Pin RGB Pushbuttons
www.nkkswitches.com
5
RGBP
JB
S
2
Cap Types
F
Flat
S
Sculptured
T
Home Key
LED
RGBP
Red/Green/Blue
Cap Sizes
1
12.0mm Square
2
15.0mm Square
3
17.4mm Square
Cap Colors
JB
Clear Lens &
White Diffuser
TYPICAL SWITCH
ORDERING EXAMPLE
ACTUATION
C
Tactile
KP01 or KP02
Gold Contacts
Straight PC Terminals
100mA @ 12V DC
G03
Black only
K
N
Nontactile
KP01 or KP02
HOUSING
CONTACTS, TERMINALS, & RATING
Tactile/Audible
KP02 only
S
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematic
Pole
Model
Normal
Down
Normal
Down
Note: Switch terminals “1” & “1a” are actually
marked on the switch.
SP
KP0115A
KP0215A
OFF
(ON)
Normally
Open
1-1a
SPST
POLE & CIRCUIT
1 (COM)
1a
PLUNGERS
A
9.2mm Plunger
for 12.0mm Cap
9.2mm Plunger is designed
with a narrower neck to hold
the 12.0mm Cap.
11.6mm Plunger
for 15.0mm & 17.4mm Caps
B
11.6mm Plunger is designed
with a wider neck to hold both
the 15.0mm and 17.4mm Caps.
(9.2)
.362
(6.4)
.252
(11.6)
.457
(6.4)
.252


Similar Part No. - KP0115ASAKG03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ACAKG03 NKK-KP0115ACAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0115ACAKG036CF-1FJB NKK-KP0115ACAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0115ACAKG036CF-1SJB NKK-KP0115ACAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0115ACAKG036CF-1TJB NKK-KP0115ACAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0115ACAKG036CF-2FJB NKK-KP0115ACAKG036CF-2FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0115ASAKG03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com