Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS44100-70DJ Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS44100-70DJ
Description  4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44100-70DJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS44100-70DJ Datasheet HTML 3Page - Texas Instruments TMS44100-70DJ Datasheet HTML 4Page - Texas Instruments TMS44100-70DJ Datasheet HTML 5Page - Texas Instruments TMS44100-70DJ Datasheet HTML 6Page - Texas Instruments TMS44100-70DJ Datasheet HTML 7Page - Texas Instruments TMS44100-70DJ Datasheet HTML 8Page - Texas Instruments TMS44100-70DJ Datasheet HTML 9Page - Texas Instruments TMS44100-70DJ Datasheet HTML 10Page - Texas Instruments TMS44100-70DJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TMS44100, TMS44100P, TMS46100, TMS46100P
4194304-WORD BY 1-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS561A – MARCH 1995 – REVISED JUNE 1995
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
’46100 - 60
’46100P - 60
’46100 - 70
’46100P - 70
’46100 - 80
’46100P - 80
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level
IOH = – 2 mA (LVTTL)
2.4
2.4
2.4
V
VOH
g
output voltage
IOH = – 100 µA (LVCMOS)
VCC – 0.2
VCC – 0.2
VCC – 0.2
V
VOL
Low-level
IOL = 2 mA (LVTTL)
0.4
0.4
0.4
V
VOL
output voltage
IOL = 100 µA (LVCMOS)
0.2
0.2
0.2
V
II
Input current
(leakage)
VI = 0 V to 3.9 V, VCC = 3.6 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VO = 0 V to VCC,VCC = 3.6 V,
CAS high
± 10
± 10
± 10
µA
ICC1
Read- or
write-cycle
current
(see Note 3)
Minimum cycle,
VCC = 3.6 V
70
60
50
mA
Standby
After 1 memory cycle,
RAS and CAS high,
VIH = 2.0 V (LVTTL)
2
2
2
mA
ICC2
Standby
current
After 1 memory cycle,
RAS and CAS high,
’46100
300
300
300
µA
g,
VIH = VCC – 0.2 V
(LVCMOS)
’46100P
200
200
200
µA
ICC3
Average
refresh current
(RAS only or
CBR)
(see Note 4)
Minimum cycle,
VCC = 3.6 V,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
70
60
50
mA
ICC4
Average page
current
(see Notes 3
and 5)
tPC = minimum, VCC = 3.6 V,
RAS low,
CAS cycling
60
50
40
mA
ICC6†
Self-refresh
current
(see Note 3)
CAS
≤ 0.2 V,
RAS < 0.2 V,
tRAS and tCAS > 1000 ms
200
200
200
µA
ICC7
Standby
current,
outputs
enabled
(see Note 3)
RAS = VIH,
CAS = VIL,
Data out = enabled
5
5
5
mA
ICC10†
Battery-backup
current
(with CBR)
tRC = 125 µs,
tRAS ≤ 1 ms,
VCC – 0.2 V ≤ VIH ≤ 3.9 V,
0 V
≤ VIL ≤ 0.2 V,
W and OE = VIH,
Address and data stable
300
300
300
µA
† For TMS46100P only
NOTES:
3. ICC max is specified with no load connected.
4. Measured with a maximum of one address change while RAS = VIL
5. Measured with a maximum of one address change while CAS = VIH


Similar Part No. - TMS44100-70DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS4416 TI-TMS4416 Datasheet
798Kb / 22P
[Old version datasheet]   16,384 WORD BY 4 BIT DYNAMIC RAM
More results

Similar Description - TMS44100-70DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
TMS45160 TI-TMS45160 Datasheet
353Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5117400B HITACHI-HM5117400B Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com