Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9527A Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC9527A
Description  Protection IC for 1-Cell Battery Pack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9527A Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC9527A Datasheet HTML 2Page - E-CMOS Corporation EC9527A Datasheet HTML 3Page - E-CMOS Corporation EC9527A Datasheet HTML 4Page - E-CMOS Corporation EC9527A Datasheet HTML 5Page - E-CMOS Corporation EC9527A Datasheet HTML 6Page - E-CMOS Corporation EC9527A Datasheet HTML 7Page - E-CMOS Corporation EC9527A Datasheet HTML 8Page - E-CMOS Corporation EC9527A Datasheet HTML 9Page - E-CMOS Corporation EC9527A Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EC9527A
Protection IC for 1-Cell Battery Pack
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 13
4H25N-Rev.F001
Test Circuits
Over-charge, over-discharge and the release detection voltages (test circuit 1)
1) Set V1=3.5V, V2=0V, S1=ON, then EC9527A enter operating mode.
2) Increase V1 voltage (from 3.5V) gradually. The V1 voltage is the over-charge detection voltage (VDET1) when CO pin
goes low (from high).
3) Decrease V1 gradually. The V1 voltage is the over-charge release detection voltage (VREL1) when CO pin goes high
again.
4) Continue decreasing V1. The V1 voltage is the over-discharge detection voltage (VDET2) when DO pin goes low. Then
increase V1 gradually. The V1 voltage is the over-discharge release detection voltage (VREL2), when DO pin returns to
high.
Note: The over-charge and over-discharge release voltages are defined in versions.
Discharge over-current detection voltage (test circuit 1)
1) Set V1=3.5 V, V2=0V, S1=ON and EC9527A enter operating condition.
2) Increase V2 (from 0V) gradually. The V2 voltage is the discharge over-current detection voltage (VDET3) when DO pin
goes low (from high).
Load short-circuiting detection voltage (test circuit 1)
1) Set V1=3.5V, V2=0V, S1=ON and EC9527A enter operating condition.
2) Increase V2 immediately (within 10uS) till DO pin goes “low” from high with a delay time which is between the
minimum and the maximum of Load short-circuiting delay time.
Over-charge, over-discharge delay time (test circuit 1)
1) Set V1=3.5V, V2=0V, S1=ON to enter operating condition.
2) Increase V1 from VDET1-0.2V to VDET1+0.2V immediately (within 10us). The over-charge detection delay time (tVDET1) is
the period from the time V1 gets to VDET1+0.2V till CO pin switches from high to low.
3) Set V1=3.5V, V2=0V, S1=ON and S2 = OFF to enter operating condition.
4) Decrease V1 from VDET2+0.2V to VDET2-0.2V immediately (within 10us). The over-discharge detection delay time (tVDET2)
is the period from the time V1 gets to VDET2-0.2V till DO pin switches from high to low.
Discharge over-current delay time (test circuit 1)
1) Set V1=3.5V, V2=0V, S1=ON to enter operating condition.
2) Increase V2 from 0V to 0.25V immediately (within 10us). The discharge over-current detection delay time (tVDET3) is
the period from the time V2 gets to 0.25V till DO pin switches from high to low.
Load short-circuiting delay time (test circuit 1)
1) Set V1=3.5V, V2=0V, S1=ON to enter operating condition.
2) Increase V2 from 0V to 1.6V immediately (within 10us). The Load short-circuiting detection voltage delay
time (tSHORT) is the period from the time V2 gets to 1.6V till DO pin switches from high to low.
Operating current consumption (test circuit 2)
1) Set V1=3.5V, V2=0V and S1=ON to enter operating condition and measure the current I1. I1 is the operating
condition current consumption (IDD).
0V battery charge starting charger voltage (test circuit 3)
1) Set V1=V2=0V, increase V2 gradually.


Similar Part No. - EC9527A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC9522T ETC2-EC9522T Datasheet
74Kb / 8P
   LI-ION PROTECTION IC
EC9522T003 ETC2-EC9522T003 Datasheet
74Kb / 8P
   LI-ION PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
EC9523NNB3R E-CMOS-EC9523NNB3R Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
More results

Similar Description - EC9527A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com