Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC49017 Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC49017
Description  Standalone Linear Lithium Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49017 Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC49017 Datasheet HTML 3Page - E-CMOS Corporation EC49017 Datasheet HTML 4Page - E-CMOS Corporation EC49017 Datasheet HTML 5Page - E-CMOS Corporation EC49017 Datasheet HTML 6Page - E-CMOS Corporation EC49017 Datasheet HTML 7Page - E-CMOS Corporation EC49017 Datasheet HTML 8Page - E-CMOS Corporation EC49017 Datasheet HTML 9Page - E-CMOS Corporation EC49017 Datasheet HTML 10Page - E-CMOS Corporation EC49017 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 11
3H20N Rev. P001
EC49017
Operation
The EC49017 is a single cell lithium-ion battery charger using a constant-current/constant-voltage algorithm. It can
deliver up to 800mA of charge current (using a good thermal PCB layout) with a final float voltage accuracy of ±1%.
The EC49017 includes an internal P-channel power MOSFET and thermal regulation circuitry. No blocking diode or
external current sense resistor is required; thus, the basic charger circuit requires only two external components.
Furthermore, the EC49017 is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises above the UVLO threshold level and a 1% program
resistor is connected from the PROG pin to ground or when a battery is connected to the charger output. If the BAT pin
is less than 2.8V, the charger enters trickle charge mode. In this mode, the EC49017 supplies approximately 1/10 the
programmed charge current to bring the battery voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.8V, the charger enters constant-current mode, where the programmed charge
current is supplied to the battery. When the BAT pin approaches the final float voltage (4.22V), the EC49017 enters
constant-voltage mode and the charge current begins to decrease. When the charge current drops to 1/10 of the
programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor from the PROG pin to ground. The battery charge current is
1060 times the current out of the PROG pin. The program resistor and the charge current are calculated using the
following equations:
PROG
CHG
CHG
PROG
R
V
I
I
V
R
1060
,
1060
,
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin voltage using the
following equation:
1060
PROG
PROG
BAT
R
V
I
This actual current will vary from IC to IC. The typical variation is within +/-20%.
Charge Termination
A charge cycle is terminated when the charge current falls to 1/10th the programmed value after the final float voltage
is reached. This condition is detected by using an internal, filtered comparator to monitor the PROG pin. When the
PROG pin voltage falls below 100mV for longer than tTERM (typically 1ms), charging is terminated. The charge current is
latched off and the EC49017 enters standby mode, where the input supply current drops to 200mA. (Note: C/10
termination is disabled in trickle charging and thermal limiting modes).When charging, transient loads on the BAT pin
can cause the PROG pin to fall below 100mV for short periods of time before the DC charge current has dropped to
1/10th the programmed value. The 1ms filter time (tTERM) on the termination comparator ensures that transient loads of
this nature do not result in premature charge cycle termination. Once the average charge current drops below 1/10th
the programmed value, the EC49017 terminates the charge cycle and ceases to provide any current through the BAT
pin. In this state, all loads on the BAT pin must be supplied by the battery. The EC49017 constantly monitors the BAT
pin voltage in standby mode. If this voltage drops below the 4.05V recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery. To manually restart a charge cycle when in standby mode, the


Similar Part No. - EC49017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016 E-CMOS-EC49016 Datasheet
195Kb / 10P
   Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016B2-F ETC2-EC49016B2-F Datasheet
175Kb / 8P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016B2-F E-CMOS-EC49016B2-F Datasheet
195Kb / 10P
   Standalone Linear Lithium Battery Charger
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results

Similar Description - EC49017

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
   Standalone Linear Lithium Battery Charger
SE9021 SEAWARD-SE9021 Datasheet
368Kb / 8P
   Standalone Linear Lithium Battery Charger
SE9020C SEAWARD-SE9020C Datasheet
310Kb / 8P
   Standalone Linear Lithium Battery Charger
SE9022 SEAWARD-SE9022 Datasheet
353Kb / 7P
   Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
   Standalone Linear Lithium Battery Charger
logo
Seaward Electronics Inc...
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
   Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016 E-CMOS-EC49016 Datasheet
195Kb / 10P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com