Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6029527 Datasheet(PDF) 2 Page - SICK AG

Part # 6029527
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6029527 Datasheet(HTML) 2 Page - SICK AG

  6029527 Datasheet HTML 1Page - SICK AG 6029527 Datasheet HTML 2Page - SICK AG 6029527 Datasheet HTML 3Page - SICK AG 6029527 Datasheet HTML 4Page - SICK AG 6029527 Datasheet HTML 5Page - SICK AG 6029527 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL170-2P162 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
WLL170-2P162
6029527
Other models and accessories
www.sick.com/WLL170-2
Detailed technical data
Features
Sensor/detection principle
Fiber-optic photoelectric sensor
Dimensions (W x H x D)
10.5 mm x 35.5 mm x 83.7 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 mm ... 1,600 mm, Through-beam system 1)
Sensing range
0 mm ... 65 mm, Proximity system 2) 3)
0 mm ... 350 mm, Through-beam system 4)
Focus
 5)
Type of light
Visible red light
Light source
LED 6)
Angle of dispersion
Approx. 65° 5)
Wave length
660 nm
Adjustment
Potentiometer, 10 turns
Time type
Off delay
Delay time
Selectable by sliding switch, 40 ms
Indication
LED
1) LL3-TB02 and tip adapter LL3-TA01.
2) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range depends on fiber-optic cable.
3) LL3-DB01.
4) LL3-TB01.
5) See LL3 fiber-optic data.
6) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-07 15:48:08
Subject to change without notice


Similar Part No. - 6029527

ManufacturerPart #DatasheetDescription
logo
SICK AG
6029522 SICK-6029522 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6029525 SICK-6029525 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6029529 SICK-6029529 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 6029527

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com