Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2015 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2015
Description  POWER DISTRIBUTION SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2015 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2015 Datasheet HTML 1Page - Texas Instruments TPS2015 Datasheet HTML 2Page - Texas Instruments TPS2015 Datasheet HTML 3Page - Texas Instruments TPS2015 Datasheet HTML 4Page - Texas Instruments TPS2015 Datasheet HTML 5Page - Texas Instruments TPS2015 Datasheet HTML 6Page - Texas Instruments TPS2015 Datasheet HTML 7Page - Texas Instruments TPS2015 Datasheet HTML 8Page - Texas Instruments TPS2015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
2
TI.COM
AVAILABLE OPTIONS
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
TYPICAL SHORT-CIRCUIT
CURRENT LIMIT AT 25
°C
(A)
SMALL OUTLINE
(D)†
PLASTIC DIP
(P)
0.2
0.3
TPS2030D
TPS2030P
0.6
0.9
TPS2031D
TPS2031P
−40
°C to 85°C
Active high
1
1.5
TPS2032D
TPS2032P
−40 C to 85 C
Active high
1.5
2.2
TPS2033D
TPS2033P
2
3
TPS2034D
TPS2034P
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2030DR)
TPS2030 functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†Current Sense
Terminal Functions
TERMINAL
NAME
NO.
D OR P
I/O
DESCRIPTION
EN
4
I
Enable input. Logic high turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output


Similar Part No. - TPS2015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2015 TI-TPS2015 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2015D TI-TPS2015D Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2015D TI-TPS2015D Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com