Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLL180T-M333S01 Datasheet(PDF) 2 Page - SICK AG

Part # WLL180T-M333S01
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL180T-M333S01 Datasheet(HTML) 2 Page - SICK AG

  WLL180T-M333S01 Datasheet HTML 1Page - SICK AG WLL180T-M333S01 Datasheet HTML 2Page - SICK AG WLL180T-M333S01 Datasheet HTML 3Page - SICK AG WLL180T-M333S01 Datasheet HTML 4Page - SICK AG WLL180T-M333S01 Datasheet HTML 5Page - SICK AG WLL180T-M333S01 Datasheet HTML 6Page - SICK AG WLL180T-M333S01 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL180T-M333S01 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
WLL180T-M333S01
6041000
Other models and accessories
www.sick.com/WLL180T
Detailed technical data
Features
Device type
Base unit 1)
Sensor/detection principle
Fiber-optic photoelectric sensor
Dimensions (W x H x D)
10.5 mm x 34.6 mm x 71.9 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 20 m, Through-beam system 2) 3)
Sensing range
0 mm ... 1,400 mm, Proximity system 4) 5)
Focus
 6)
Type of light
Visible red light
Light source
LED 7)
Angle of dispersion
Approx. 65° 6)
Wave length
650 nm
Adjustment
Single teach-in button
Time type
Without time delay
Off delay
On delay
ON and OFF delay
One shot
Delay time
Programmable, 0 ms, 9,999 ms
Indication
Display
Display
LED status display / 2x 4-character digital dual displays, Set value (green indicator) and actual
value (red indicator) are displayed simultaneously, display of parameters
1) Up to 15 expansion units can be connected.
2) Sensing range with 8 ms response time. Reduction with shorter response time (see tables LL3/WLL180T).
3) LL3-TX01.
4) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range with 8 ms response time. Reduction with shorter response time (see
tables LL3/WLL180T).
5) LL3-DK06.
6) See LL3 fiber-optic data.
7) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-04-06 17:11:29
Subject to change without notice


Similar Part No. - WLL180T-M333S01

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLL180T-M333 SICK-WLL180T-M333 Datasheet
759Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - WLL180T-M333S01

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com