Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3819 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC3819
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3819 Datasheet HTML 2Page - Texas Instruments UCC3819 Datasheet HTML 3Page - Texas Instruments UCC3819 Datasheet HTML 4Page - Texas Instruments UCC3819 Datasheet HTML 5Page - Texas Instruments UCC3819 Datasheet HTML 6Page - Texas Instruments UCC3819 Datasheet HTML 7Page - Texas Instruments UCC3819 Datasheet HTML 8Page - Texas Instruments UCC3819 Datasheet HTML 9Page - Texas Instruments UCC3819 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UCC2819, UCC3819
PROGRAMMABLE OUTPUT
POWER FACTOR PREREGULATOR
SLUS482B - APRIL 2001 − REVISED DECEMBER 2004
6
www.ti.com
pin descriptions (continued)
VAI: (voltage amplifier non-inverting input) This input can be tied to the VREF or any other voltage reference
(
≤7.5 V) to set the boost regulator output voltage.
VAOUT: (voltage amplifier output) This is the output of the operational amplifier that regulates output voltage.
The voltage amplifier output is internally limited to approximately 5.5 V to prevent overshoot.
VCC: (positive supply voltage) Connect to a stable source of at least 20 mA between 10 V and 17 V for normal
operation. Bypass VCC directly to GND to absorb supply current spikes required to charge external MOSFET
gate capacitances. To prevent inadequate gate drive signals, the output devices are inhibited unless VVCC
exceeds the upper under-voltage lockout voltage threshold and remains above the lower threshold.
VFF: (feed-forward voltage) The RMS voltage signal generated at this pin by mirroring 1/2 of the IIAC into a single
pole external filter. At low line, the VFF roll should be 14 V.
VSENSE: (voltage amplifier inverting input) This is normally connected to a compensation network and to the
boost converter output through a divider network.
VREF: (voltage reference output) VREF is the output of an accurate 7.5-V voltage reference. This output is
capable of delivering 20 mA to peripheral circuitry and is internally short-circuit current limited. VREF is disabled
and remains at 0 V when VVCC is below the UVLO threshold. Bypass VREF to GND with a 0.1-µF or larger
ceramic capacitor for best stability. Please refer to Figures 8 and 9 for VREF line and load regulation
characteristics.
APPLICATION INFORMATION
The UCC3819 is based on the UCC3818 PFC preregulator. For a more detailed application information for this
part, please refer to the UCC3818 datasheet product folder.
The main difference between the UCC3818 and the UCC3819 is that the non-inverting input of the voltage error
amplifier is made available to the user through an external pin (VAI) in the UCC3819. The SS pin and function
were eliminated to accommodate this change.
The benefit of VAI pin is that it can be used to dynamically change the PFC output voltage based on the line
voltage (RMS) level or other conditions. Figure 1 shows one suggested implementation of the tracking boost
PFC converter as this approach is sometimes referred to. The VAI pin is tied to the VFF pin and hence output
voltage scales up with the line voltage. The benefit of this approach is that at lower line voltages the output
voltage is lower and that leads to smaller boost inductor value, lower MOSFET conduction losses and reduced
component stresses. In order for this feature to work, the downstream converter has to operate over a wider
input range.


Similar Part No. - UCC3819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819A TI-UCC3819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819AD TI-UCC3819AD Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819ADG4 TI-UCC3819ADG4 Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com