Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC08C60 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # SIC08C60
Description  8A SiC Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SIC08C60 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  SIC08C60 Datasheet HTML 1Page - Chip Integration Technology Corporation SIC08C60 Datasheet HTML 2Page - Chip Integration Technology Corporation SIC08C60 Datasheet HTML 3Page - Chip Integration Technology Corporation SIC08C60 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIC08C60
8A SiC Schottky Diode
3
■ Outline
TO-220-2L
symbol
Dimensions in inches(millimeters)
A
A1
b
b1
b2
b3
c
c1
c2
D
E
E1
e
e1
ØP
Min
Nom
0.176(4.470)
0.099(2.520)
0.028(0.710)
0.028(0.710)
0.046(1.170)
0.046(1.170)
0.011(0.279)
0.011(0.279)
0.046(1.170)
0.394(10.010)
0.345(8.763)
0.484(12.294)
0.196(4.980)
Marking code
D
ØP
F
C2
E1
L
L1
b2(3X)
b
A
A1
C
E
Ø1.5 Ε-Pin
e1
e
G
L2
C
C
D
D
b1,b3
b,b2
( C )
C1
BASE METAL
PLATING
SECTION C-C & D-D
Max
F
G
L
L1
L2
0.104(2.642)
0.000(0.000)
0.539(13.7)
0.159(4.04)
0.149(3.790)
0.032(0.813)
0.050(1.270)
0.350(8.890)
0.490(12.446)
0.108(2.743)
0.162(4.11)
0.184(4.670)
0.111(2.820)
0.036(0.910)
0.036(0.910)
0.054(1.370)
0.054(1.370)
0.019(0.483)
0.017(0.432)
0.054(1.370)
0.406(10.310)
0.355(9.017)
0.494(12.548)
0.204(5.180)
0.116(2.946)
0.005(0.127)
0.555(14.10)
0.165(4.19)
0.153(3.890)
0.1(2.54) BSC
0.063(1.60)
NOTES:
1.All dimension are in mim[inch].
2.Tolerance:±0.004inch.
PIN 1
PIN 2
Document ID : DS-21KHM
Revised Date : 2015/09/09
Revision : C1


Similar Part No. - SIC08C60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SIC08A065D PANJIT-SIC08A065D Datasheet
409Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC08A065ND PANJIT-SIC08A065ND Datasheet
466Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC08A065ND_R2_00001 PANJIT-SIC08A065ND_R2_00001 Datasheet
466Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC08A065NS PANJIT-SIC08A065NS Datasheet
487Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC08A065NS_L2_00001 PANJIT-SIC08A065NS_L2_00001 Datasheet
487Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
More results

Similar Description - SIC08C60

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SICF08C60 CITC-SICF08C60 Datasheet
3Mb / 4P
   8A SiC Schottky Diode
logo
UnitedSiC.
UJD06508TS UNITEDSIC-UJD06508TS Datasheet
514Kb / 4P
   8A - 650V SiC Schottky Diode
Rev. B, November 2016
UJ3D06508TS UNITEDSIC-UJ3D06508TS Datasheet
966Kb / 5P
   8A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
   650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
logo
GeneSiC Semiconductor, ...
GE08MPS06E GENESIC-GE08MPS06E Datasheet
506Kb / 7P
   650V 8A SiC Schottky MPS??Diode
GE08MPS06A GENESIC-GE08MPS06A Datasheet
510Kb / 7P
   650V 8A SiC Schottky MPS??Diode
logo
SHENZHEN BASIC SEMICOND...
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
   SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
   SiC Schottky Diode
Rev. 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com