Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC20C65 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # SIC20C65
Description  20A SiC Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SIC20C65 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  SIC20C65 Datasheet HTML 1Page - Chip Integration Technology Corporation SIC20C65 Datasheet HTML 2Page - Chip Integration Technology Corporation SIC20C65 Datasheet HTML 3Page - Chip Integration Technology Corporation SIC20C65 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
Document ID : DS-21K040
Revised Date : 2017/02/17
Revision : C
Fig. 1 Forward Characteristics
Fig. 2 Reverse Characteristics
Fig. 3 Capacitance vs. Reverse Voltage
Fig. 4 Non-Repetitive Peak Forward
Surge Current (Pulse Mode)
Fig. 5 Power Derating
Fig. 6 Current Derating
SIC20C65
20A SiC Schottky Diode
Chip Integration Technology Corporation


Similar Part No. - SIC20C65

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SIC01D-A18 ROITHNER-SIC01D-A18 Datasheet
617Kb / 4P
   UVA SIC photodiode
SIC01D-B18 ROITHNER-SIC01D-B18 Datasheet
713Kb / 3P
   uvb sic photodiode according to dvgw w294
SIC01L-18 ROITHNER-SIC01L-18 Datasheet
676Kb / 3P
   ptb tested high chip stability
SIC01L-5 ROITHNER-SIC01L-5 Datasheet
684Kb / 3P
   ptb tested high chip stability
SIC01L-C5 ROITHNER-SIC01L-C5 Datasheet
690Kb / 3P
   ptb tested high chip stability
More results

Similar Description - SIC20C65

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
   20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
   20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJD06520K UNITEDSIC-UJD06520K Datasheet
526Kb / 4P
   20A - 650V SiC Schottky Diode...
Rev 1.02
UJ3D1220K2 UNITEDSIC-UJ3D1220K2 Datasheet
319Kb / 6P
   20A -1200V SiC Schottky Diode
Rev. B, April 2020
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
   650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
logo
UnitedSiC.
UJ3D1220KSD UNITEDSIC-UJ3D1220KSD Datasheet
329Kb / 6P
   20A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D06520TS UNITEDSIC-UJ3D06520TS Datasheet
553Kb / 5P
   20A - 650V SiC Schottky Diode
Rev.B, April 2018
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK Datasheet
65Kb / 4P
   600V - 20A - Diode SiC Schottky Barrier Diode
RJS6004WDPK RENESAS-RJS6004WDPK_15 Datasheet
70Kb / 4P
   600V - 20A - Diode SiC Schottky Barrier Diode
logo
GeneSiC Semiconductor, ...
GE2X10MPS06D GENESIC-GE2X10MPS06D Datasheet
501Kb / 7P
   650V 20A SiC Schottky MPS??Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com