Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1819 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1819
Description  Integrated Circuit Module, AF Power Amplifier, 30W/Ch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1819 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1819 Datasheet HTML 1Page - NTE Electronics NTE1819 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(+) VCC
Pin Connection Diagram
(Front View)
Input 2
Mute Adjust
Mute t Cap
Power GND 1
Bootstrap
GND
Power GND 2
Output 2
NFB 2
I Bias 2
18 Input 2
17
16
15
14
13
12
11
Output 1
10
9
8
I Bias 1
Feedback
GND 1
7
6 Muting
5
4
3
NFB 2
2
1
.141 (3.6)
Dia (2 Holes)
.737
(18.7)
1.440
(36.4)
1.030
(32.5)
.158 (4.0)
118
.100 (2.54)
.114 (5.5)
1.700 (43.18)
2.190 (55.6)
2.520 (64.0)
.334 (8.5)


Similar Part No. - NTE1819

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE181 NTE-NTE181 Datasheet
23Kb / 2P
   Silicon Power Transistor High Power Audio Amplifier
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
   Integrated Circuit Color TV Video System
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
More results

Similar Description - NTE1819

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1875 NTE-NTE1875 Datasheet
21Kb / 2P
   Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1871 NTE-NTE1871 Datasheet
24Kb / 2P
   Integrated Circuit Module - Dual AF Power Amplifier, 50W/Ch, Dual Power Supplies
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
NTE1009 NTE-NTE1009 Datasheet
18Kb / 2P
   Integrated Circuit AF Power Amplifier, 1W
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
   Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
   Integrated Circuit AF Power Amplifier, 6W/Channel
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
   Integrated Circuit Dual, AF PO, 6W/Ch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com