Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD431000A Datasheet(PDF) 8 Page - NEC

Part # UPD431000A
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000A Datasheet(HTML) 8 Page - NEC

Back Button UPD431000A Datasheet HTML 4Page - NEC UPD431000A Datasheet HTML 5Page - NEC UPD431000A Datasheet HTML 6Page - NEC UPD431000A Datasheet HTML 7Page - NEC UPD431000A Datasheet HTML 8Page - NEC UPD431000A Datasheet HTML 9Page - NEC UPD431000A Datasheet HTML 10Page - NEC UPD431000A Datasheet HTML 11Page - NEC UPD431000A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data Sheet M11657EJBV0DS
8
µPD431000A
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +7.0
V
Input / Output voltage
VT
–0.5
Note to VCC + 0.5
V
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Note –3.0 V (MIN.) (Pulse width: 30 ns)
Caution Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
µPD431000A-xxL
µPD431000A-Axx
µPD431000A-Bxx
Unit
µPD431000A-xxLL
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Supply voltage
VCC
4.5
5.5
3.0
5.5
2.7
5.5
V
High level input voltage
VIH
2.2
VCC+0.5
2.2
VCC+0.5
2.2
VCC+0.5
V
Low level input voltage
VIL
–0.3
Note
+0.8
–0.3
Note
+0.5
–0.3
Note
+0.5
V
Operating ambient temperature
TA
0700
70070
°C
Note –3.0 V (MIN.) (Pulse width: 30 ns)
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
6
pF
Input / Output capacitance
CI/O
VI/O = 0 V
10
pF
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These parameters are not 100% tested.


Similar Part No. - UPD431000A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A NEC-UPD431000A Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD431000A RENESAS-UPD431000A Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXX RENESAS-UPD431000A-AXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXXX RENESAS-UPD431000A-AXXX Datasheet
772Kb / 26P
   MOS INTEGRATED CIRCUIT
1995
UPD431000A-BXX RENESAS-UPD431000A-BXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com