Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD431000ACZ-70LL Datasheet(PDF) 9 Page - NEC

Part # UPD431000ACZ-70LL
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000ACZ-70LL Datasheet(HTML) 9 Page - NEC

Back Button UPD431000ACZ-70LL Datasheet HTML 5Page - NEC UPD431000ACZ-70LL Datasheet HTML 6Page - NEC UPD431000ACZ-70LL Datasheet HTML 7Page - NEC UPD431000ACZ-70LL Datasheet HTML 8Page - NEC UPD431000ACZ-70LL Datasheet HTML 9Page - NEC UPD431000ACZ-70LL Datasheet HTML 10Page - NEC UPD431000ACZ-70LL Datasheet HTML 11Page - NEC UPD431000ACZ-70LL Datasheet HTML 12Page - NEC UPD431000ACZ-70LL Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet M11657EJBV0DS
9
µPD431000A
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) (1/2)
Parameter
Symbol
Test condition
µPD431000A-xxL
µPD431000A-xxLL
µPD431000A-Axx
Unit
MIN.
TYP. MAX. MIN.
TYP. MAX. MIN.
TYP. MAX.
Input leakage
ILI
VIN = 0 V to VCC
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
µA
current
I/O leakage
ILO
VI/O = 0 V to VCC,
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
µA
current
/CE1 = VIH or CE2 = VIL
or /WE = VIL or /OE = VIH
Operating
ICCA1
/CE1 = VIL, CE2 = VIH,
4070
4070
4070
mA
supply current
II/O = 0 mA
Minimum cycle time
VCC
≤ 3.6 V
35
ICCA2
/CE1 = VIL, CE2 = VIH, II/O = 0 mA,
151515
Cycle time =
VCC
≤ 3.6 V
8
ICCA3
/CE1
≤ 0.2 V, CE2 ≥ VCC – 0.2 V,
10
10
10
Cycle time = 1
µs, II/O = 0 mA,
VIL
≤ 0.2 V, VIH ≥ VCC – 0.2 V
VCC
≤ 3.6 V
8
Standby
ISB
/CE1 = VIH or CE2 = VIL
333
mA
supply current
VCC
≤ 3.6 V
2
ISB1
/CE1
≥ VCC − 0.2 V,
2
100
1
20
1
20
µA
CE2
≥ VCC − 0.2 V
VCC
≤ 3.6 V
0.5
13
ISB2
CE2
≤ 0.2 V
2
100
1
20
1
20
VCC
≤ 3.6 V
0.5
13
High level
VOH1
IOH = –1.0 mA, VCC
≥ 4.5 V
2.4
2.4
2.4
V
output voltage
IOH = –0.5 mA
2.4
VOH2
IOH = –0.02 mA
VCC–0.1
Low level
VOL1
IOL = 2.1 mA, VCC
≥ 4.5 V
0.4
0.4
0.4
V
output voltage
IOL = 1.0 mA
0.4
VOL2
IOL = 0.02 mA
0.1
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These DC characteristics are in common regardless product classification.


Similar Part No. - UPD431000ACZ-70LL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A NEC-UPD431000A Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD431000A RENESAS-UPD431000A Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXX RENESAS-UPD431000A-AXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
UPD431000A-AXXX RENESAS-UPD431000A-AXXX Datasheet
772Kb / 26P
   MOS INTEGRATED CIRCUIT
1995
UPD431000A-BXX RENESAS-UPD431000A-BXX Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000ACZ-70LL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com