Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5278L15 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M5278L15
Description  (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5278L15 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M5278L15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5278L15 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - M5278L15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5278L15 RENESAS-M5278L15 Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
More results

Similar Description - M5278L15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
KEC(Korea Electronics)
KIA7905F KEC-KIA7905F Datasheet
471Kb / 14P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
logo
NTE Electronics
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE968 NTE-NTE968 Datasheet
21Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE966 NTE-NTE966 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 12V
logo
Mitsubishi Electric Sem...
M5279LXX MITSUBISHI-M5279LXX Datasheet
144Kb / 4P
   FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5279LXX RENESAS-M5279LXX Datasheet
1Mb / 5P
   FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com