Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7146 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7146 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Figure 2: Detection of a Properly Aligned “Comma” Character
Figure 3: Detection and Resynchronization of an Improperly Aligned “Comma” Character
TChar: 10 bit Transmission Character
COM_DET
R[0:9]
RBCN
K28.5
TChar
TChar
TChar
R[10:19]
TChar
TChar
TChar
TChar
COM_DET
K28.5
TChar
TChar
TChar
K28.5
TChar
Potentially Corrupted
R[0:9]
RBCN
TChar
TChar
TChar
TChar
TChar
TChar
R[10:19]
Receiving Two Consecutive K28.5+TChar Transmission Words


Similar Part No. - VSC7146

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
   1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
More results

Similar Description - VSC7146

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
   5.0V 2.5Gb/s TIA
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
   2.5Gb/s APD preamp Mini-DIL receiver
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Source Photonics, Inc.
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com