Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1678P-SD-F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T1678P-SD-F
Description  Silicon PIN Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T1678P-SD-F Datasheet(HTML) 2 Page - Vishay Siliconix

  T1678P-SD-F Datasheet HTML 1Page - Vishay Siliconix T1678P-SD-F Datasheet HTML 2Page - Vishay Siliconix T1678P-SD-F Datasheet HTML 3Page - Vishay Siliconix T1678P-SD-F Datasheet HTML 4Page - Vishay Siliconix T1678P-SD-F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T1678P
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 05-Nov-14
2
Document Number: 84265
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The measurements are based on samples of die which are mounted on a TO18-header without resin coating
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Diode Capacitance vs. Reverse Voltage
Fig. 2 - Relative Spectral Sensitivity vs.
Wavelength of Bare Die
Fig. 3 - Relative Spectral Sensitivity vs.
Wavelength of Epoxy Coated Die
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
16
V
Reverse dark current
VR = 10 V, E = 0
Iro
0.1
2
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
72
pF
VR = 3 V, f = 1 MHz, E = 0
CD
35
pF
Reverse light current
Ee = 10 μW/cm2,
λ = 530 nm, VR = 5 V
Ira
15
nA
EV = 100 lux, white LED 4300 K, VR = 5 V
Ira
43
nA
EV = 100 lux, CIE illumination A, VR = 5 V
Ira
87
nA
Angle of half sensitivity
ϕ
± 60
deg
Wavelength of peak sensitivity
λp
570
nm
Range of spectral bandwidth
λ0.5
440 to 700
nm
Rise time
VR = 5 V, RL = 50 k
Ω, λ = 515 nm
tr
100
ns
Fall time
tf
100
ns
Rise time
VR = 5 V, RL = 1000 k
Ω, λ = 515 nm
tr
415
ns
Fall time
tf
415
ns
10
20
30
40
50
60
70
0.1
1
10
100
V
R - Reverse Voltage (V)
f = 1 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
500
600
700
800
900 1000 1100
λ - Wavelength (nm)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
500
600
700
800
900 1000 1100
λ - Wavelength (nm)


Similar Part No. - T1678P-SD-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1678 VISHAY-T1678 Datasheet
92Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 05-Nov-14
More results

Similar Description - T1678P-SD-F

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com