Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5830 Datasheet(PDF) 4 Page - Winbond

Part # W5830
Description  HIGH FIDELITY Power Speech
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W5830 Datasheet(HTML) 4 Page - Winbond

  W5830 Datasheet HTML 1Page - Winbond W5830 Datasheet HTML 2Page - Winbond W5830 Datasheet HTML 3Page - Winbond W5830 Datasheet HTML 4Page - Winbond W5830 Datasheet HTML 5Page - Winbond W5830 Datasheet HTML 6Page - Winbond W5830 Datasheet HTML 7Page - Winbond W5830 Datasheet HTML 8Page - Winbond W5830 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary W583XXX
- 4 -
Pin Description only for W583S15 to W583M02, continued
NAME
I/O
DESCRIPTION
TG8
I
Direct trigger input 8, internally pulled high
STPF
O
Stop signal F
STPG
O
Stop signal G
STPH
O
Stop signal H
Pin Description only for W583S10
NAME
I/O
DESCRIPTION
OSC
I
Ring oscillator input
OSCO
O
Oscillator clock output
FUNCTIONAL DESCRIPTION
The W583xxx is a derivative of Winbond's PowerSpeech
 synthesizers, which are becoming
dominant in the consumer market, especially for toy applications.
There are up to 8 trigger inputs and 8 STOP outputs in W583xxx. The maximal number of software
key pad by scanning matrix is up to 8
× 9 = 72 keys. There are 8 general purpose registers, R0-R7.
R0-R7 can apply not only for "LD" and "JP" instructions but also for "MV" instruction. Only R0 can
apply for "INC" instruction. CPU interface is the same as the W581xx series.
IR interface is a new feature of PowerSpeech
. User can use IR interface to transmit and receive a
command. For example, when X chip executes the "TX R1" instruction, the Pulse Position Modulation
waveform (with 38 KHz carrier) outputs from IROUT pin to drive a photo diode. Y chips within a
certain distance will receive the IR signal through an IR receiver module to TG3/IRIN pin and execute
a "JP" instruction to the interrupt vector/label pointed by R1 of X chip.
There are two kinds of events that can cause the W583xxx to enter the POI (Power On Initialization)
process: one is power on, and the other is direct trigger from RESET pin. The interrupt vector "32" is
allocated for this special event, and its priority is above all, i.e., no triggers can override the POI
process if they all happen simultaneously. So the user can write a program into this interrupt vector to
set the power on initial state. If the user does not wish to execute a program on power on, he should
write an "END" instruction in interrupt vector "32". During the POI process, triggers can then override
it successfully; if the EN0, EN1 and MODE0, MODE1 registers are set properly.
If more than two events happen simultaneously, the priority that is set by the internal H/W is: POI >
TG1F > TG1R > TG2F > TG2R > TG3F > TG3R > TG4F > TG4R > TG5F > TG5R > TG6F > TG6R
> TG7F > TG7R > TG8F > TG8R > "JP" instruction.


Similar Part No. - W5830

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
logo
ITT Industries
W58-124-9019-91S ITT-W58-124-9019-91S Datasheet
35Kb / 1P
   QT BNC, 75 OHM R/A PLUG
W58-124-9019910 ITT-W58-124-9019910 Datasheet
121Kb / 2P
   QT-BNC 75ohm PLUG OUTLINE DRAWING RBOCs (TELCOs)
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
   QT-BNC Connector To Tooling Cross Reference
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
More results

Similar Description - W5830

ManufacturerPart #DatasheetDescription
logo
Winbond
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com