Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SICF10C60 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # SICF10C60
Description  10A SiC Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SICF10C60 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  SICF10C60 Datasheet HTML 1Page - Chip Integration Technology Corporation SICF10C60 Datasheet HTML 2Page - Chip Integration Technology Corporation SICF10C60 Datasheet HTML 3Page - Chip Integration Technology Corporation SICF10C60 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■ Outline
SICF10C60
10A SiC Schottky Diode
Document ID : DS-21K028
Revised Date : 2016/09/14
Revision : C
Chip Integration Technology Corporation


Similar Part No. - SICF10C60

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SICF06C60 CITC-SICF06C60 Datasheet
3Mb / 4P
   6A SiC Schottky Diode
SICF08C60 CITC-SICF08C60 Datasheet
3Mb / 4P
   8A SiC Schottky Diode
logo
SEC Electronics Inc.
SICF3S100V2 SECELECTRONICS-SICF3S100V2 Datasheet
295Kb / 4P
   Current Sensors
SICF3S200V2 SECELECTRONICS-SICF3S200V2 Datasheet
295Kb / 4P
   Current Sensors
SICF3S300V2 SECELECTRONICS-SICF3S300V2 Datasheet
295Kb / 4P
   Current Sensors
More results

Similar Description - SICF10C60

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SIC10C60 CITC-SIC10C60 Datasheet
816Kb / 4P
   10A SiC Schottky Diode
logo
UnitedSiC.
UJ3D1210KSD UNITEDSIC-UJ3D1210KSD Datasheet
332Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210K2 UNITEDSIC-UJ3D1210K2 Datasheet
310Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1210KS UNITEDSIC-UJ3D1210KS Datasheet
326Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1210TS UNITEDSIC-UJ3D1210TS Datasheet
311Kb / 6P
   10A -1200V SiC Schottky Diode
Rev. C, February 2020
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
   650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
logo
UnitedSiC.
UJ2D1210T UNITEDSIC-UJ2D1210T Datasheet
517Kb / 4P
   10A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D06510TS UNITEDSIC-UJ3D06510TS Datasheet
967Kb / 5P
   10A - 650V SiC Schottky Diode
Rev. B, January 2018
UJD06510TS UNITEDSIC-UJD06510TS Datasheet
514Kb / 4P
   10A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
GeneSiC Semiconductor, ...
GE10MPS06A GENESIC-GE10MPS06A Datasheet
511Kb / 7P
   650V 10A SiC Schottky MPS??Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com