Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD8775 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRD8775
Description  CMOS 8-Bit High Speed Analog-to-Digital Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD8775 Datasheet(HTML) 1 Page - Exar Corporation

  XRD8775 Datasheet HTML 1Page - Exar Corporation XRD8775 Datasheet HTML 2Page - Exar Corporation XRD8775 Datasheet HTML 3Page - Exar Corporation XRD8775 Datasheet HTML 4Page - Exar Corporation XRD8775 Datasheet HTML 5Page - Exar Corporation XRD8775 Datasheet HTML 6Page - Exar Corporation XRD8775 Datasheet HTML 7Page - Exar Corporation XRD8775 Datasheet HTML 8Page - Exar Corporation XRD8775 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
Rev. 4.00
XRD8775
CMOS 8-Bit High Speed
Analog-to-Digital Converter
April 2002-4
FEATURES
· 8-Bit Resolution
· Up to 20MHz Sampling Rate
· Internal S/H Function
· Single Supply: 5V
· V
IN DC Range: 0V to VDD
· V
REF DC Range: 1V to VDD
· Low Power: 75mW typ. (excluding reference)
· Latch-Up Free
· ESD Protection: 2000V Minimum
· 3V Version: XRD87L75
· Small 20-Pin SOIC/SSOP Packages
APPLICATIONS
· Digital Color Copiers
· Cellular Telephones
· CCD-Based Systems
· Hardware Scanners
· Video Capture Boards
GENERAL DESCRIPTION
The XRD8775 is an 8-bit Analog-to-Digital Converter in
a small 20-pin SOIC/SSOP package. Designed using
an advanced 5V CMOS process, this part offers excel-
lent performance, low power consumption and latch-up
free operation.
This device uses a two-step flash architecture to
maintain low power consumption at high conversion
rates. The input circuitry of the XRD8775 includes an
on-chip S/H function and allows the user to digitize
analog input signals between AGND and AV
DD. Careful
design and chip layout have achieved a low analog input
capacitance. This reduces “kickback” and eases the
requirements of the buffer/amplifier used to drive the
XRD8775.
The designer can choose the internally generated
reference voltages by connecting V
RB to VRBS and VRT to
V
RTS , or provide external reference voltages to the VRB
and V
RT pins. The internal reference generates 0.6V at
V
RB and 2.6V at VRT. Providing external reference
voltages allows easy interface to any input signal range
between GND and V
DD. This also allows the system to
adjust these voltages to cancel zero scale and full
scale errors, or to change the input range as needed.
The device operates from a single +5V supply. Power
consumption is 75mW at F
S = 15MHz.
Specified for operation over the commercial / industrial
(-40 to +85°C) temperature range, the XRD8775 is
available in Surface Mount (SOIC), Shrink Small Out-
line (SSOP) and Plastic Dual-In-line (PDIP) Packages.
SIMPLIFIED BLOCK AND TIMING DIAGRAM


Similar Part No. - XRD8775

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AID EXAR-XRD8785AID Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIK EXAR-XRD8785AIK Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIP EXAR-XRD8785AIP Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
More results

Similar Description - XRD8775

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com