Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK15AS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SK15AS
Description  1A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SK15AS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SK15AS Datasheet HTML 1Page - Chip Integration Technology Corporation SK15AS Datasheet HTML 2Page - Chip Integration Technology Corporation SK15AS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Suffix "G" indicates Halogen-free part, ex.SK15ASG.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMAS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
SK15AS
1A Surface Mount Schottky Barrier Rectifiers
I
O
I
F S M
I
R
C
J
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
120
10
0.5
1.0
30
A
A
mA
O C/W
O C
88
R
θ J A
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
SK15AS
Symbol
Operating Junction
temperature
O
T ( C)
J
-55 ~ +125
Max. forward voltage
O
@1A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
35
Max.
repetitive peak
reverse voltage
V
(V)
R R M
50
Marking code
SK15
50
0.50
Document ID : DS-12KEH
Revised Date : 2017/03/15
Revision : C2
Dimensions in inches and (millimeters)
■ Outline
SMAS(DO-214AC)
0.205(5.2)
0.193(4.9)
0.114(2.9)
0.098(2.5)
0.075(1.9)
0.061(1.55)
0.039 (1.0)
0.039(1.0)
0.053(1.35)
0.065(1.65)
Marking code
0.028 (0.7)
0.028(0.7)


Similar Part No. - SK15AS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SK15AEG13 NKK-SK15AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
SK15AEG30 NKK-SK15AEG30 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
logo
GREATECS
SK15AEG30 GREATECS-SK15AEG30 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results

Similar Description - SK15AS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com