Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT4500
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT4500 Datasheet HTML 7Page - Exar Corporation XRT4500 Datasheet HTML 8Page - Exar Corporation XRT4500 Datasheet HTML 9Page - Exar Corporation XRT4500 Datasheet HTML 10Page - Exar Corporation XRT4500 Datasheet HTML 11Page - Exar Corporation XRT4500 Datasheet HTML 12Page - Exar Corporation XRT4500 Datasheet HTML 13Page - Exar Corporation XRT4500 Datasheet HTML 14Page - Exar Corporation XRT4500 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
8
PIN DESCRIPTIONS (CONT.)
NOTE: Signal names beginning with D_ are digital signals.
NOTE: Signal names ending with B and A are the positive
and negative polarities of differential signals respectively.
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
18
LP
I
Loopback Command Input Pin – Active Low:
This active-low input pin permits the user to configure the
XRT4500 into a “Loop-Back” Mode. The exact loop-back will
depend upon whether the XRT4500 is operating in the DTE or
DCE Modes.
Setting this input pin to “LOW” enables the Loop-back Operation.
Setting this input pin to “HIGH” disables the Loop-back Operation.
This input pin contains an Internal 20K
Ω pull-up to VDD.
19
TX8O
RLA
RIA
O
Transmitter 8 – Single Ended Data Output to Line
The XRT4500 accepts a TTL level binary data stream, from the
local terminal equipment via the “TX8D” input pin (pin 17), and
outputs it, in either a V.10 or V.28 manner via this output pin. The
exact role that this output pin plays depends upon whether the
XRT4500 is operating in the DTE or DCE Modes.
If the XRT4500 is configured to operate in the DCE Mode:
This output pin will typically drive the state of either the “RI”
(Ring Indicator) or “TM” (Test Mode) signals to the Remote
Terminal Equipment.
If the XRT4500 is configured to operate in the DTE Mode:
This output pin will typically drive the state of the “RL” (Remote
Loop-back) signal to the Remote Terminal Equipment.
20
VDD
Analog VDD – For Receivers 4, 5, 6, 7 and 8.
21
CPP
Charge Pump Capacitor Pin: A 2.2µF tantalum capacitor must
be connected between pin 21 and pin 22.
22
CPM
Charge Pump Capacitor Pin: A 2.2µF tantalum capacitor must
be connected between pin 21 and pin 22.


Similar Part No. - XRT4500

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
More results

Similar Description - XRT4500

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
   SNI Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Texas Instruments
DP83910A TI1-DP83910A_11 Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
   Multiprotocol, Serial Communications Controller
logo
NXP Semiconductors
TDA8006 PHILIPS-TDA8006 Datasheet
166Kb / 40P
   Multiprotocol IC Card coupler
2000 Feb 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com