Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD431000AGU-B15-9JH Datasheet(PDF) 11 Page - NEC

Part # UPD431000AGU-B15-9JH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000AGU-B15-9JH Datasheet(HTML) 11 Page - NEC

Back Button UPD431000AGU-B15-9JH Datasheet HTML 7Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 8Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 9Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 10Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 11Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 12Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 13Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 14Page - NEC UPD431000AGU-B15-9JH Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet M11657EJBV0DS
11
µPD431000A
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
[
µµµµPD431000A-70L, µµµµPD431000A-85L, µµµµPD431000A-70LL, µµµµPD431000A-85LL]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
1.5 V
1.5 V
2.2 V
0.8 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
Figure 1
Figure 2
(tAA, tCO1, tCO2, tOE, tOH)(tLZ1, tLZ2, tOLZ, tHZ1, tHZ2, tOHZ, tWHZ, tOW)
+5 V
I/O (Output)
1.8 k
5 pF
CL
990
+5 V
I/O (Output)
1.8 k
100 pF
CL
990
Remark CL includes capacitance of the probe and jig, and stray capacitance.
[
µµµµPD431000A-A10, µµµµPD431000A-B10, µµµµPD431000A-B12, µµµµPD431000A-B15]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
1.5 V
1.5 V
2.2 V
0.5 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
Part number
Output load condition
tAA, tCO1, tCO2, tOE, tOH tLZ1, tLZ2, tOLZ, tHZ1, tHZ2, tOHZ, tWHZ, tOW
µPD431000A-A10, µPD431000A-B10, µPD431000A-B12
1TTL + 50 pF
1TTL + 5 pF
µPD431000A-B15
1TTL + 100 pF
1TTL + 5 pF


Similar Part No. - UPD431000AGU-B15-9JH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD431000AGU-B15-9JH RENESAS-UPD431000AGU-B15-9JH Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000AGU-B15-9JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com