Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W583S60 Datasheet(PDF) 1 Page - Winbond

Part # W583S60
Description  HIGH FIDELITY Power Speech
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W583S60 Datasheet(HTML) 1 Page - Winbond

  W583S60 Datasheet HTML 1Page - Winbond W583S60 Datasheet HTML 2Page - Winbond W583S60 Datasheet HTML 3Page - Winbond W583S60 Datasheet HTML 4Page - Winbond W583S60 Datasheet HTML 5Page - Winbond W583S60 Datasheet HTML 6Page - Winbond W583S60 Datasheet HTML 7Page - Winbond W583S60 Datasheet HTML 8Page - Winbond W583S60 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary W583XXX
HIGH FIDELITY
Power Speech TM
Publication Release Date: March 1999
- 1 -
Revision A1
GENERAL DESCRIPTION
W583xxx are fabricated using the Winbond CMOS process. The W583xxx family is a new member of
the PowerSpeech
 synthesizer series, with voice quality which is even better than before. The
W583xxx family has adopted the same architecture as the PowerSpeech
 synthesizers while
replacing the 4-bit ADPCM algorithm with Winbond
′s new high fidelity voice synthesis algorithm to
produce better quality voice. W583xxx provides IR function, CPU interface, pad option for Ring or
Crystal oscillator and voice output in DAC current or PWM type.
According different voice duration, there are 11 bodies in W583xxx family, list them below.
PART NO.
W583S10
W583S15
W583S20
W583S25
W583S30
W583S40
Duration
10 sec
15 sec
20 sec
25 sec
30 sec
40 sec
PART NO.
W583S50
W583S60
W583S80
W583S99
W583M02
Duration
50 sec
60 sec
80 sec
99 sec
120 sec
Notes:
1. The voice duration is estimated by 6.4 KHz sampling rate.
2. W583S10 provides less I/O pins, and do not provide crystal oscillator.
FEATURES
Programmable speech synthesizer
New high fidelity synthesis algorithm
Wide operating voltage range: 2.4 - 5.5 Volts
Direct drive speaker by PWM output or Built-in 8-bit D/A converter
Supports CPU interface operation
IR interface for command Transmission and Receiving
Symbolic compiler supported
Instruction cycle
≤ 400 µS typically
Section control
− Variable frequency: 4.8/6/8/12 KHz
− LED: ON/OFF
Eight general-purpose registers R0-R7
Pad option for Ring or Crystal oscillator
1
8 trigger inputs - with separate control of falling/rising edge trigger
2
8 STOP outputs
3
Number of interrupt vector / label up to 2,048
Notes:
1. W583S10 provide ring oscillator only.
2. Only 4 trigger pins in W583S10.
3. Only 5 STOP outputs in W583S10.


Similar Part No. - W583S60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
logo
ITT Industries
W58-124-9019-91S ITT-W58-124-9019-91S Datasheet
35Kb / 1P
   QT BNC, 75 OHM R/A PLUG
W58-124-9019910 ITT-W58-124-9019910 Datasheet
121Kb / 2P
   QT-BNC 75ohm PLUG OUTLINE DRAWING RBOCs (TELCOs)
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
   QT-BNC Connector To Tooling Cross Reference
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
More results

Similar Description - W583S60

ManufacturerPart #DatasheetDescription
logo
Winbond
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com