Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W583S80 Datasheet(PDF) 11 Page - Winbond

Part # W583S80
Description  HIGH FIDELITY Power Speech
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W583S80 Datasheet(HTML) 11 Page - Winbond

Back Button W583S80 Datasheet HTML 6Page - Winbond W583S80 Datasheet HTML 7Page - Winbond W583S80 Datasheet HTML 8Page - Winbond W583S80 Datasheet HTML 9Page - Winbond W583S80 Datasheet HTML 10Page - Winbond W583S80 Datasheet HTML 11Page - Winbond W583S80 Datasheet HTML 12Page - Winbond W583S80 Datasheet HTML 13Page - Winbond W583S80 Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary W583XXX
Publication Release Date: March 1999
- 11 -
Revision A1
AC Characteristics
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Oscillation Frequency
1
Fosc
Ring Oscillator, Rosc = 750 K
2.7
3
3.3
MHz
Ring Oscillator, Rosc = 1.6 M
1.3
1.5
1.7
Oscillation Frequency
Deviation by Voltage
Drop
∆Fosc
Fosc
F(3V)-F(2.4V)
F(3V)
7.5
%
Instruction Cycle Time
Tins
Fosc = 3 MHz, SR = 6 KHz
1/3
mS
POI Delay Time
TPD
Fosc = 3 MHz
160
mS
Long Debounce Time
TDEBL
Fosc = 3 MHz, SR = 6 KHz
50
mS
Short Debounce Time
2
TDEBS
400
µS
1. This parameter is different from that of W58300.
2. For ring oscillator only.
TYPICAL APPLICATION CIRCUIT
Rosc
AUD/SPK+
SPK-
VSS
VCC
VDD
XOUT
OSC/XIN
W583S80
TG2
TG1
TG4
TG3/IRIN
TG6
TG5
TG8
TG7
STPA/BUSY
STPB
LED2/STPC
STPD
STPE
STPF
STPG
STPH
LED1
VCC
SEL
VDD1
TEST
IROUT
VSS1
VCC
RESET


Similar Part No. - W583S80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
logo
ITT Industries
W58-124-9019-91S ITT-W58-124-9019-91S Datasheet
35Kb / 1P
   QT BNC, 75 OHM R/A PLUG
W58-124-9019910 ITT-W58-124-9019910 Datasheet
121Kb / 2P
   QT-BNC 75ohm PLUG OUTLINE DRAWING RBOCs (TELCOs)
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
   QT-BNC Connector To Tooling Cross Reference
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
More results

Similar Description - W583S80

ManufacturerPart #DatasheetDescription
logo
Winbond
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com