Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5221B Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MMBZ5221B
Description  SOT-23 Plastic-Encapsulate Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

MMBZ5221B Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MMBZ5221B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MMBZ5221B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MMBZ5221B Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Notes: 1. Short duration test pulse used to minimize self-heating effect.
2. f = 1KHz.
Zener Voltage Range (Note 1)
Test
Current
Maximum Zener
Impedance (Note 2)
Maximum Reverse
Leakage Current
(Note 1)
Type Number
Marking
Code
VZ @ IZT
IZT
ZZT @
IZT
ZZK @ IZK =
0.25mA
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
µA
V
MMBZ5221B
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223B
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225B
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226B
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227B
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228B
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229B
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230B
KG5
4.7
4.4 7
4.94
20
19
1900
5.0
2.0
MMBZ5231B
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232B
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233B
KE3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234B
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235B
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236B
KF1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237B
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238B
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239B
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240B
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241B
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242B
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243B
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245B
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246B
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248B
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250B
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251B
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252B
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254B
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255B
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256B
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257B
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258B
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259B
KM4
39
37.05
40.95
3.2
80
800
0.1
30
www.shunyegroup.com.cn


Similar Part No. - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
RFE international
MMBZ5221B RFE-MMBZ5221B Datasheet
2Mb / 3P
   Zener Diodes
27-07-2022
logo
Pan Jit International I...
MMBZ5221B PANJIT-MMBZ5221B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
Sangdest Microelectroni...
MMBZ5221B SMC-MMBZ5221B Datasheet
213Kb / 5P
   ZENER DIODES
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
More results

Similar Description - MMBZ5221B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1SS187 WINNERJOIN-1SS187_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS184 WINNERJOIN-1SS184 Datasheet
70Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS193 WINNERJOIN-1SS193_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
MMBZ5221B WINNERJOIN-MMBZ5221B Datasheet
137Kb / 2P
   SOT-23 Plastic-Encapsulate Diode
1SS196 WINNERJOIN-1SS196_15 Datasheet
85Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226_15 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196 Datasheet
85Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226 Datasheet
88Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
1SS190 WINNERJOIN-1SS190_15 Datasheet
70Kb / 2P
   SOT-23 Plastic-Encapsulate DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com