Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9257BCPZ-40 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9257BCPZ-40
Description  1.8 V Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257BCPZ-40 Datasheet(HTML) 4 Page - Analog Devices

  AD9257BCPZ-40 Datasheet HTML 1Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 2Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 3Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 4Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 5Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9257BCPZ-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD9257
Rev. A | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temp
AD9257-40
AD9257-65
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−0.6
−0.3
+0.1
−0.7
−0.3
+0.1
% FSR
Offset Matching
Full
0
0.2
0.6
0
0.23
0.6
% FSR
Gain Error
Full
−6.0
−2.1
2.0
−6.0
−2.9
+1.0
% FSR
Gain Matching
Full
−1.0
+1.7
+5.0
−1.0
+1.6
+5.0
% FSR
Differential Nonlinearity (DNL)
Full
−1.0
−0.5/+0.8
+1.7
−1.0
±0.6
+1.6
LSB
Integral Nonlinearity (INL)
Full
−3.1
±1.1
+3.1
−4.0
±1.1
+4.0
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
0.99
1.01
0.98
0.99
1.01
V
Load Regulation at 1.0 mA (VREF = 1 V)
Full
2
2
mV
Input Resistance
Full
7.5
7.5
kΩ
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.91
0.94
LSB rms
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
0.9
0.9
V
Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
Differential Input Resistance
5.2
5.2
kΩ
Differential Input Capacitance
Full
3.5
3.5
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
147
156
198
211
mA
IDRVDD (ANSI-644 Mode)
Full
53
85
60
93
mA
IDRVDD (Reduced Range Mode)
25°C
38
45
mA
TOTAL POWER CONSUMPTION
Total Power Dissipation (Eight Channels, ANSI-644
Mode)
Full
360
434
464
547
mW
Total Power Dissipation (Eight Channels, Reduced
Range Mode)
25°C
333
437
mW
Power-Down Dissipation
25°C
1
1
mW
Standby Dissipation2
25°C
74
92
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Can be controlled via the SPI.


Similar Part No. - AD9257BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9257BCPZ-40 AD-AD9257BCPZ-40 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results

Similar Description - AD9257BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com